Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 9 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 5Page - SMSC Corporation LPC47M14X Datasheet HTML 6Page - SMSC Corporation LPC47M14X Datasheet HTML 7Page - SMSC Corporation LPC47M14X Datasheet HTML 8Page - SMSC Corporation LPC47M14X Datasheet HTML 9Page - SMSC Corporation LPC47M14X Datasheet HTML 10Page - SMSC Corporation LPC47M14X Datasheet HTML 11Page - SMSC Corporation LPC47M14X Datasheet HTML 12Page - SMSC Corporation LPC47M14X Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
SMSC DS – LPC47M14X
Page 9
Rev. 03/19/2001
2
PIN CONFIGURATION
PIN #
NAME
PIN #
NAME
PIN #
NAME
PIN #
NAME
1
GP40/DRVDEN0
33
GP11 /J1B2
65
VCC
97
GP54/nDSR2
2
GP41/DRVDEN1
34
GP12 /J2B1
66
nINIT
98
GP55/nRTS2
3
nMTR0
35
GP13 /J2B2
67
nSLCTIN
99
GP56/nCTS2
4
nDSKCHG
36
GP14 /J1X
68
PD0
100
GP57/nDTR2
5
nDS0
37
GP15 /J1Y
69
PD1
101
VSS
6
CLKI32
38
GP16 /J2X
70
PD2
102
VSS
7
VSS
39
GP17 /J2Y
71
PD3
103
USB +
8
nDIR
40
AVSS
72
PD4
104
USB -
9
nSTEP
41
GP20/P17
73
PD5
105
PD1 +
10
nWDATA
42
GP21/P16/nDS1
74
PD6
106
PD1 -
11
nWGATE
43
GP22/P12/nMTR1
75
PD7
107
PD2 +
12
nHDSEL
44
VREF
76
VSS
108
PD2 -
13
nINDEX
45
GP24/SYSOPT
77
SLCT
109
PD3 +
14
nTRK0
46
GP25/MIDI_IN
78
PE
110
PD3 -
15
nWRTPRT
47
GP26/MIDI_OUT
79
BUSY
111
PD4 +
16
nRDATA
48
GP60/LED1
80
nACK
112
PD4 -
17
GP42/nIO_PME
49
GP61/LED2
81
nERROR
113
VTR
18
VTR
50
GP27/nIO_SMI
82
nALF
114
nPWREN1
19
CLOCKI
51
GP30/FAN_TACH2
83
nSTROBE
115
nPWREN2
20
LAD0
52
GP31/FAN_TACH1
84
RXD1
116
nPWREN3
21
LAD1
53
VCC
85
TXD1
117
nPWREN4
22
LAD2
54
GP32/FAN2
86
nDSR1
118
nUSBOC1
23
LAD3
55
GP33/FAN1
87
nRTS1
119
nUSBOC2
24
LFRAME#
56
KDAT
88
nCTS1
120
nUSBOC3
25
LDRQ#
57
KCLK
89
nDTR1
121
nUSBOC4
26
PCI_RESET#
58
MDAT
90
nRI1
122
VTR
27
LPCPD#
59
MCLK
91
nDCD1
123
ICLK
28
GP43/DDRC
60
VSS
92
GP50/nRI2
124
OCLK
29
PCI_CLK
61
IRRX2/GP34
93
VCC
125
VCC
30
SER_IRQ
62
IRTX2/GP35
94
GP51/nDCD2
126
nStrp0
31
VSS
63
GP36/nKBDRST
95
GP52/RXD2
(IRRX)
127
nStrp1
32
GP10 /J1B1
64
GP37/A20M
96
GP53/TXD2
(IRTX)
128
VSS
Note: The chip is part of a family of LPC chips (LPC47M13x, LPC47M14x, and LPC47M15x). The first 100 pins of
these chips are pin compatible, which adds more flexibility for the board designer. In addition, a board designed for
the LPC47M14x can also support the LPC47M13x with little or no changes made to the board design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com