Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 76 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 76 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 72Page - SMSC Corporation LPC47M14X Datasheet HTML 73Page - SMSC Corporation LPC47M14X Datasheet HTML 74Page - SMSC Corporation LPC47M14X Datasheet HTML 75Page - SMSC Corporation LPC47M14X Datasheet HTML 76Page - SMSC Corporation LPC47M14X Datasheet HTML 77Page - SMSC Corporation LPC47M14X Datasheet HTML 78Page - SMSC Corporation LPC47M14X Datasheet HTML 79Page - SMSC Corporation LPC47M14X Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 205 page
background image
SMSC DS – LPC47M14X
Page 76
Rev. 03/19/2001
MIDI RX CLOCK
4
MIDI RX DATA BYTE N
MIDI RX DATA BYTE N+1
MIDI_IN
DATA READY
1
IRQ
3
nREAD
2
NOTE: IRQ remains asserted
until read FIFO is empty
FIGURE 4 – MPU-401 INTERRUPT
Note
1
DATA READY represents the Data Ready bit B0 in the 16C550A UART Line Status Register.
Note
2
nREAD represents host read operations from the MIDI Data register.
Note
3
IRQ is the MPU-401 Host Interface IRQ shown in FIGURE 3.
The 16C550A UART Receive FIFO
Threshold=1.
Note
4
MIDI RX CLOCK is the MIDI bit clock. The MIDI bit clock period is 32
µs.
6.8.5
MPU-401 Command Controller
Overview
Commands are written by the host to the MPU-401 MIDI Interface through the Command register (Table 34) and are
immediately interpreted by the MPU-401 Command Controller shown in FIGURE 3. The MPU-401 Command
Controller in this implementation only responds to the MPU-401 RESET (FFh) and UART MODE (3Fh) commands.
All other commands are ignored.
Under certain conditions, the Command Controller acknowledges MPU-401 commands with a command
acknowledge byte (FEh).
RESET Command
The RESET command is FFh. The RESET command resets the MPU-401 MIDI Interface. Reset disables the MPU-
401 UART MODE command, disables the 16C550A UART, clears the receive FIFO. The command controller places
the command acknowledge byte ‘FEh’ in the MIDI Data port read buffer if the interface is not in the UART mode.
The RESET command is executed but not acknowledged when the command is received while the interface is in the
UART mode.
When the MPU-401 is reset, receive data from the MIDI_IN port as well as data written by the host to the MIDI Data
port is ignored.
The MPU-401 MIDI Interface is reset following the RESET command or POR.
UART MODE Command
The UART MODE command is 3Fh. The UART MODE command clears the 16C550A transmit and receive FIFOs,
places the command acknowledge byte (FEh) in the MIDI Data port receive buffer, and enables the 16C550A UART
for transmit and receive operations.
In UART mode, the MPU-401 Interface passes MIDI read and write data directly between the host (using the MIDI
Data port) and the 16C550A UART Transmit and Receive buffers.
The MPU-401 Command Controller ignores the UART MODE command when the MPU-401 Interface is already in
UART mode.
The MPU-401 RESET command is executed but not acknowledged by the MPU-401 Command Controller in UART
MODE (see Section “RESET Command”, above).
Command Acknowledge Byte
Under certain conditions, the command controller acknowledges the RESET and UART MODE commands with a
command acknowledge byte (FEh).
The command acknowledge byte appears as read-data in the MIDI Data port.
Note:
The command acknowledge byte will appear as the next available data byte in the receive buffer of the MIDI
Data port. For example if the receive FIFO is not empty when an MPU-401 RESET command is received, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com