Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 79 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 79 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 75Page - SMSC Corporation LPC47M14X Datasheet HTML 76Page - SMSC Corporation LPC47M14X Datasheet HTML 77Page - SMSC Corporation LPC47M14X Datasheet HTML 78Page - SMSC Corporation LPC47M14X Datasheet HTML 79Page - SMSC Corporation LPC47M14X Datasheet HTML 80Page - SMSC Corporation LPC47M14X Datasheet HTML 81Page - SMSC Corporation LPC47M14X Datasheet HTML 82Page - SMSC Corporation LPC47M14X Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 205 page
background image
SMSC DS – LPC47M14X
Page 79
Rev. 03/19/2001
Table 40 – Parallel Port Connector
HOST
CONNECTOR
PIN NUMBER
STANDARD
EPP
ECP
1
83
nStrobe
nWrite
nStrobe
2-9
68-75
PData<0:7>
PData<0:7>
PData<0:7>
10
80
nAck
Intr
nAck
11
79
Busy
nWait
Busy, PeriphAck(3)
12
78
PE
(User Defined)
PError,
nAckReverse (3)
13
77
Select
(User Defined)
Select
14
82
nAutoFd
nDatastb
nAutoFd,
HostAck(3)
15
81
nError
(User Defined)
nFault (1)
nPeriphRequest (3)
16
66
nInit
nRESET
nInit(1)
nReverseRqst(3)
17
67
nSelectIn
nAddrstrb
nSelectIn(1,3)
(1) = Compatible Mode
(3) = High Speed Mode
Note:
For the cable interconnection required for ECP support and the Slave Connector pin numbers, refer to the
IEEE 1284 Extended Capabilities Port Protocol and ISA Standard, Rev. 1.14, July 14, 1993. This document is
available from Microsoft.
6.9.1
IBM XT/AT Compatible, Bi-Directional and EPP Modes
DATA PORT
ADDRESS OFFSET = 00H
The Data Port is located at an offset of '00H' from the base address. The data register is cleared at initialization by
RESET. During a WRITE operation, the Data Register latches the contents of the internal data bus. The contents of
this register are buffered (non inverting) and output onto the PD0 - PD7 ports. During a READ operation in SPP mode,
PD0 - PD7 ports are buffered (not latched) and output to the host CPU.
STATUS PORT
ADDRESS OFFSET = 01H
The Status Port is located at an offset of '01H' from the base address. The contents of this register are latched for the
duration of a read cycle. The bits of the Status Port are defined as follows:
BIT 0 TMOUT - TIME OUT
This bit is valid in EPP mode only and indicates that a 10 usec time out has occurred on the EPP bus. A logic O means
that no time out error has occurred; a logic 1 means that a time out error has been detected. This bit is cleared by a
RESET. If the TIMEOUT_SELECT bit (bit 4 of the Parallel Port Mode Register 2, 0xF1 in Logical Device 3 Configuration
Registers) is ‘0’, writing a one to this bit clears the TMOUT status bit. Writing a zero to this bit has no effect. If the
TIMEOUT_SELECT bit (bit 4 of the Parallel Port Mode Register 2, 0xF1 in Logical Device 3 Configuration Registers) is
‘1’, the TMOUT bit is cleared on the trailing edge of a read of the EPP Status Register.
BITS 1, 2 - are not implemented as register bits, during a read of the Printer Status Register these bits are a low level.
BIT 3 nERR – nERROR
The level on the nERROR input is read by the CPU as bit 3 of the Printer Status Register. A logic 0 means an error has
been detected; a logic 1 means no error has been detected.
BIT 4 SLCT - PRINTER SELECTED STATUS
The level on the SLCT input is read by the CPU as bit 4 of the Printer Status Register. A logic 1 means the printer is on
line; a logic 0 means it is not selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com