Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 38 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 38 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 34Page - SMSC Corporation LPC47M14X Datasheet HTML 35Page - SMSC Corporation LPC47M14X Datasheet HTML 36Page - SMSC Corporation LPC47M14X Datasheet HTML 37Page - SMSC Corporation LPC47M14X Datasheet HTML 38Page - SMSC Corporation LPC47M14X Datasheet HTML 39Page - SMSC Corporation LPC47M14X Datasheet HTML 40Page - SMSC Corporation LPC47M14X Datasheet HTML 41Page - SMSC Corporation LPC47M14X Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 205 page
background image
SMSC DS – LPC47M14X
Page 38
Rev. 03/19/2001
Table 14 – Status Register 1
BIT NO.
SYMBOL
NAME
DESCRIPTION
7
EN
End of
Cylinder
The FDC tried to access a sector beyond the final sector
of the track (255D). Will be set if TC is not issued after
Read or Write Data command.
6
Unused. This bit is always "0".
5
DE
Data Error
The FDC detected a CRC error in either the ID field or
the data field of a sector.
4
OR
Overrun/
Underrun
Becomes set if the FDC does not receive CPU or DMA
service within the required time interval, resulting in data
overrun or underrun.
3
Unused. This bit is always "0".
2
ND
No Data
Any one of the following:
1. Read Data, Read Deleted Data command - the FDC
did not find the specified sector.
2. Read ID command - the FDC cannot read the ID field
without an error.
3. Read A Track command - the FDC cannot find the
proper sector sequence.
1
NW
Not Writeable WP pin became a "1" while the FDC is executing a Write
Data, Write Deleted Data, or Format A Track command.
0
MA
Missing
Address Mark
Any one of the following:
1. The FDC did not detect an ID address mark at the
specified track after encountering the index pulse
from the nINDEX pin twice.
2.
The FDC cannot detect a data address mark or a
deleted data address mark on the specified track.
Table 15 – Status Register 2
BIT NO.
SYMBOL
NAME
DESCRIPTION
7
Unused. This bit is always "0".
6
CM
Control Mark
Any one of the following:
Read Data command - the FDC encountered a deleted
data address mark.
Read Deleted Data command - the FDC encountered a
data address mark.
5
DD
Data Error in
Data Field
The FDC detected a CRC error in the data field.
4
WC
Wrong
Cylinder
The track address from the sector ID field is different
from the track address maintained inside the FDC.
3
Unused. This bit is always "0".
2
Unused. This bit is always "0".
1
BC
Bad Cylinder
The track address from the sector ID field is different
from the track address maintained inside the FDC and is
equal to FF hex, which indicates a bad track with a hard
error according to the IBM soft-sectored format.
0
MD
Missing Data
Address Mark
The FDC cannot detect a data address mark or a
deleted data address mark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com