Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 25 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 25 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 21Page - SMSC Corporation LPC47M14X Datasheet HTML 22Page - SMSC Corporation LPC47M14X Datasheet HTML 23Page - SMSC Corporation LPC47M14X Datasheet HTML 24Page - SMSC Corporation LPC47M14X Datasheet HTML 25Page - SMSC Corporation LPC47M14X Datasheet HTML 26Page - SMSC Corporation LPC47M14X Datasheet HTML 27Page - SMSC Corporation LPC47M14X Datasheet HTML 28Page - SMSC Corporation LPC47M14X Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 205 page
background image
SMSC DS – LPC47M14X
Page 25
Rev. 03/19/2001
ports. The internal 24MHz driven PLL (and the 48MHz in the Hub Block) will be started to complete the
Resume.
6.4.1
USB Downstream Port Selection
The LPC47M14x USB Hub has the ability to program, via BIOS, control register access or through external PIN
strapping options, the number of Down Stream Ports that are available to the User. There is also a “Pin Strapping”
option that will allow the board designer the ability to define the number of down stream ports that will be active via
during USB_PWR POR.
The LPC47M120 USB Hub block will make the following changes to its external signals and device class response
parameters:
1) All related input and output signals such as the associated Over-current sense pins (nUSBOC[x]) and Power
Enable (nPWREN[x]) pin are also disabled.
2) The USB Down Stream Port nUSBOC[x] input pin can be a NC (No Connect) pin or tied High (1). For EMI and
reduced Noise sensitivity, it is recommended that the pin be tied High (1).
3) The Power Enable (nPWREN[x]) pin will be forced low (0). For EMI and reduced Noise sensitivity, it is
recommended that the pin be tied High (1).
4) The associated PDx+ and PDx- pins will not be active can be a NC (No Connect) pin). For EMI and reduced
Noise sensitivity, it is recommended that the pin be tied High (1).
5) All Hub Device Class return descriptor must respond with the appropriate information relating to the number of
ports that are currently selected by the Strap Pins or control bits in the register described in Table 76 –
HubControl_1 Register Definition, shown on page 171, below, describes what fields now need to be
programmed bas on the number of enabled ports.
Table 2 – Hub Descriptor to be Modified
OFFSET
FIELD
PROGRAMMABLE
SIZE
DESCRIPTION
0
bDescLength
1
Number of bytes in this descriptor, including
this byte.
1
bDescriptorType
1
Descriptor Type
2
bNbrPorts
X
1
Number of downstream ports that this hub
supports. Selected by the “Strp0 and nStrp1”
input pins or the HubControl_1 register defined
in
Table 76
–
HubControl_1 Register
Definition, shown on page 171, below.
3
wHubCharacteristics
2
D1..D0: Power Switching Mode
00 - Ganged power switching (all ports’ power
at once)
01 - Individual port power switching
1X - No power switching (ports always powered
on when hub is on and off when hub is off).
D2:Identifies a Compound Device
0 - Hub is not part of a compound device
1 - Hub is part of a compound device
D4..D3: Over-current Protection Mode
00 - Global Over-current Protection. The hub
reports over-current as a summation of all
ports’ current draw, without a breakdown of
individual port over-current status.
01 - Individual Port Over-current protection.
The hub reports over-current on a per-port
basis. Each port has an over-current indicator.
1X -No Over-Current Protection. This option is
only allowed for bus-powered hubs that do not
implement over-current protection.
D15..D5: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com