Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 32 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 28Page - SMSC Corporation LPC47M14X Datasheet HTML 29Page - SMSC Corporation LPC47M14X Datasheet HTML 30Page - SMSC Corporation LPC47M14X Datasheet HTML 31Page - SMSC Corporation LPC47M14X Datasheet HTML 32Page - SMSC Corporation LPC47M14X Datasheet HTML 33Page - SMSC Corporation LPC47M14X Datasheet HTML 34Page - SMSC Corporation LPC47M14X Datasheet HTML 35Page - SMSC Corporation LPC47M14X Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 205 page
background image
SMSC DS – LPC47M14X
Page 32
Rev. 03/19/2001
DATA RATE SELECT REGISTER (DSR)
Address 3F4 WRITE ONLY
This register is write only. It is used to program the data rate, amount of write precompensation, power down status, and
software reset. The data rate is programmed using the Configuration Control Register (CCR) not the DSR, for PC/AT
and PS/2 Model 30.
7
6
5
4
3
2
1
0
S/W
RESET
POWER
DOWN
0
PRE-
COMP2
PRE-
COMP1
PRE-
COMP0
DRATE
SEL1
DRATE
SEL0
RESET
COND.
0
0
0
0
0
0
1
0
This register is write only. It is used to program the data rate, amount of write precompensation, power down status, and
software reset. The data rate is programmed using the Configuration Control Register (CCR) not the DSR, for PC/AT
and PS/2 Model 30.
Other applications can set the data rate in the DSR. The data rate of the floppy controller is the most recent write of
either the DSR or CCR. The DSR is unaffected by a software reset. A hardware reset will set the DSR to 02H, which
corresponds to the default precompensation setting and 250 Kbps.
BIT 0 and 1 DATA RATE SELECT
These bits control the data rate of the floppy controller. See Table 9 for the settings corresponding to the individual data
rates. The data rate select bits are unaffected by a software reset, and are set to 250 Kbps after a hardware reset.
BIT 2 through 4 PRECOMPENSATION SELECT
These three bits select the value of write precompensation that will be applied to the WDATA output signal. Table 8
shows the precompensation values for the combination of these bits settings. Track 0 is the default starting track
number to start precompensation. this starting track number can be changed by the configure command.
Table 8 – Precompensation Delays
BIT 5 UNDEFINED
Should be written as a logic "0".
BIT 6 LOW POWER
A logic "1" written to this bit will put the floppy controller into manual low power mode. The floppy controller clock and
data separator circuits will be turned off. The controller will come out of manual low power mode after a software reset
or access to the Data Register or Main Status Register.
BIT 7 SOFTWARE RESET
This active high bit has the same function as the DOR RESET (DOR bit 2) except that this bit is self clearing.
Note:
The DSR is Shadowed in the Floppy Data Rate Select Shadow Register, located at the offset 0x1F in the
runtime register block Separator circuits will be turned off. The controller will come out of manual low power.
PRECOMP
432
PRECOMPENSATION
DELAY (nsec)
<2Mbps
2Mbps
111
001
010
011
100
101
110
000
0.00
41.67
83.34
125.00
166.67
208.33
250.00
Default
0
20.8
41.7
62.5
83.3
104.2
125
Default
Default: See Table 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com