Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 59 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 59 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 55Page - SMSC Corporation LPC47M14X Datasheet HTML 56Page - SMSC Corporation LPC47M14X Datasheet HTML 57Page - SMSC Corporation LPC47M14X Datasheet HTML 58Page - SMSC Corporation LPC47M14X Datasheet HTML 59Page - SMSC Corporation LPC47M14X Datasheet HTML 60Page - SMSC Corporation LPC47M14X Datasheet HTML 61Page - SMSC Corporation LPC47M14X Datasheet HTML 62Page - SMSC Corporation LPC47M14X Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 205 page
background image
SMSC DS – LPC47M14X
Page 59
Rev. 05/02/2000
For the Write Data case, the FDC activates Write Gate at the beginning of the sync field under the conventional mode.
The controller then writes a new sync field, data address mark, data field, and CRC. With the pre-erase head of the
perpendicular drive, the write head must be activated in the Gap2 field to insure a proper write of the new sync field. For
the 1 Mbps perpendicular mode (WGATE = 1, GAP = 1), 38 bytes will be written in the Gap2 space. Since the bit density
is proportional to the data rate, 19 bytes will be written in the Gap2 field for the 500 Kbps perpendicular mode (WGATE =
1, GAP =0).
It should be noted that none of the alterations in Gap2 size, VCO timing, or Write Gate timing affect normal program
flow. The information provided here is just for background purposes and is not needed for normal operation. Once the
Perpendicular Mode command is invoked, FDC software behavior from the user standpoint is unchanged.
The perpendicular mode command is enhanced to allow specific drives to be designated Perpendicular recording drives.
This enhancement allows data transfers between Conventional and Perpendicular drives without having to issue
Perpendicular mode commands between the accesses of the different drive types, nor having to change write pre-
compensation values.
When both GAP and WGATE bits of the PERPENDICULAR MODE COMMAND are both programmed to "0"
(Conventional mode), then D0, D1, D2, D3, and D4 can be programmed independently to "1" for that drive to be set
automatically to Perpendicular mode. In this mode the following set of conditions also apply:
1)
The GAP2 written to a perpendicular drive during a write operation will depend upon the programmed data rate.
2)
The write pre-compensation given to a perpendicular mode drive will be 0ns.
3)
For D0-D3 programmed to "0" for conventional mode drives any data written will be at the currently programmed
write pre-compensation.
Note: Bits D0-D3 can only be overwritten when OW is programmed as a "1".If either GAP or WGATE is a "1" then D0-
D3 are ignored.
Software and hardware resets have the following effect on the PERPENDICULAR MODE COMMAND:
1)
"Software" resets (via the DOR or DSR registers) will only clear GAP and WGATE bits to "0". D0-D3 are
unaffected and retain their previous value.
2)
"Hardware" resets will clear all bits (GAP, WGATE and D0-D3) to "0", i.e. all conventional mode.
Table 28 – Effects of WGATE and GAP Bits
WGATE
GAP
MODE
LENGTH OF
GAP2 FORMAT
FIELD
PORTION OF
GAP 2
WRITTEN BY
WRITE DATA
OPERATION
0
0
1
1
0
1
0
1
Conventional
Perpendicular
(500 Kbps)
Reserved
(Conventional)
Perpendicular
(1 Mbps)
22 Bytes
22 Bytes
22 Bytes
41 Bytes
0 Bytes
19 Bytes
0 Bytes
38 Bytes
LOCK
In order to protect systems with long DMA latencies against older application software that can disable the FIFO the
LOCK Command has been added. This command should only be used by the FDC routines, and application software
should refrain from using it. If an application calls for the FIFO to be disabled then the CONFIGURE command should
be used.
The LOCK command defines whether the EFIFO, FIFOTHR, and PRETRK parameters of the CONFIGURE command
can be RESET by the DOR and DSR registers. When the LOCK bit is set to logic "1" all subsequent "software RESETS
by the DOR and DSR registers will not change the previously set parameters to their default values. All "hardware"
RESET from the PCI_RESET# pin will set the LOCK bit to logic "0" and return the EFIFO, FIFOTHR, and PRETRK to
their default values. A status byte is returned immediately after issuing a LOCK command. This byte reflects the value
of the LOCK bit set by the command byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com