Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 73 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 73 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 69Page - SMSC Corporation LPC47M14X Datasheet HTML 70Page - SMSC Corporation LPC47M14X Datasheet HTML 71Page - SMSC Corporation LPC47M14X Datasheet HTML 72Page - SMSC Corporation LPC47M14X Datasheet HTML 73Page - SMSC Corporation LPC47M14X Datasheet HTML 74Page - SMSC Corporation LPC47M14X Datasheet HTML 75Page - SMSC Corporation LPC47M14X Datasheet HTML 76Page - SMSC Corporation LPC47M14X Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 205 page
background image
SMSC DS – LPC47M14X
Page 73
Rev. 03/19/2001
6.8
MPU-401 MIDI UART
6.8.1
Overview
Serial Port 3 is used exclusively in the LPC47M14x as an MPU-401-compatible MIDI Interface. The LPC47M14x
MPU-401 hardware includes a Host Interface, an MPU-401 command controller, configuration registers, and a
compatible UART (FIGURE 3).
Each of these components are discussed in detail, below.
Only the MPU-401 UART (pass-through) mode is included in this implementation.
MPU-401 UART mode is
supported on the Sound Blaster 16 Series-compatible MIDI hardware. The Sound Blaster 16 hardware is supported
by Microsoft Windows Operating Systems.
In MPU-401 UART mode, data is transferred without modification between the host and the MIDI device (UART).
Once UART mode is entered using the UART MODE command (3Fh), the only MPU-401 command that the interface
recognizes is RESET (FFh).
HOST
INTERFACE
IRQ
SA[15:0]
SD[7:0]
UART
MIDI_IN
MIDI_OUT
MPU-401
COMMAND
CONTROLLER
TX
RX
nIOR
nIOW
CONFIGURATION
REGISTERS
FIGURE 3 – MPU-401 MIDI INTERFACE
Note:
This figure is for illustration purposes only and is not intended to suggest specific implementation
details.
6.8.2
Host Interface
Overview
The Host Interface includes two contiguous 8-bit run-time registers (the Status/Command Port and the Data Port),
and an interrupt. For illustration purposes, the Host Interface block shown in FIGURE 3 uses standard ISA signaling.
Address decoding and interrupt selection for the Host Interface are determined by device configuration registers (see
Section “MPU-401Configuration Registers”).
I/O Addresses
The Sound Blaster 16 MPU-401 UART mode MIDI interface requires two consecutive I/O addresses with possible
base I/O addresses of 300h and 330h. The default is 330h. The LPC47M14x MPU-401 I/O base address is
programmable on even-byte boundaries throughout the entire I/O address range (see Section “Activate and I/O Base
address”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com