Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 26 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 26 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 22Page - SMSC Corporation LPC47M14X Datasheet HTML 23Page - SMSC Corporation LPC47M14X Datasheet HTML 24Page - SMSC Corporation LPC47M14X Datasheet HTML 25Page - SMSC Corporation LPC47M14X Datasheet HTML 26Page - SMSC Corporation LPC47M14X Datasheet HTML 27Page - SMSC Corporation LPC47M14X Datasheet HTML 28Page - SMSC Corporation LPC47M14X Datasheet HTML 29Page - SMSC Corporation LPC47M14X Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 205 page
background image
SMSC DS – LPC47M14X
Page 26
Rev. 03/19/2001
OFFSET
FIELD
PROGRAMMABLE
SIZE
DESCRIPTION
5
bPwrOn2PwrGood
1
Time (in 2 ms intervals) from the time power on
sequence begins on a port until power is good
on that port. System software uses this value
to determine how long to wait before accessing
a powered-on port.
6
bHubContrCurrent
1
Maximum current requirements of the hub
controller electronics in mA.
7
DeviceRemovable
X
Variable
depending
on number
of ports on
hub
Indicates if a port has a removable device
attached.
If a non-removable device is
attached to a port, that port will never receive
an insertion change notification. This field is
reported on byte-granularity. Within a byte, if
no port exists for a given location, the field
representing the port characteristics returns “0”.
Bit definition:
0 - Device is removable
1 - Device is not removable (permanently
attached)
This is a bitmap corresponding to the individual
ports on the hub:
Bit 0: Reserved for future use
Bit 1: Port 1
Bit 2: Port 2
Etc.
Bit n: Port n (implementation dependent, up to
a maximum of 255 ports).
Variable
PortPwrCtrlMask
X
Variable
depending
on number
of ports on
hub
Indicates if a port is not affected by a gang-
mode power control request. Ports that have
this field set always require a manual
SetPortFeature(PORT_POWER)
request
to
control the port’s power state.
Bit definition:
0 - Port does not mask the gang-mode power
control capability.
1 - Port is not affected by gang-mode power
commands. Manual commands must be sent
to this port to turn power on and off. This is a
bitmap corresponding to the individual ports on
the hub:
Bit 0: Reserved for future use.
Bit 1: Port 1
Bit 2: Port 2
Etc.
Bit n: Port n (implementation dependent, up to
a maximum of 255 ports).
6.5
FLOPPY DISK CONTROLLER
The Floppy Disk controller (FDC) provides the interface between a host microprocessor and the floppy disk drives.
The FDC integrates the functions of the Formatter/Controller, Digital data Separator, Write Precompensation and
Data Rate Selection logic for an IBM XT/AT compatible FDC. The true CMOS 765B core guarantees 100% IBM PC
XT/AT compatibility in addition to providing data overflow and underflow protection.
The FDC is compatible to the 82077AA using SMSC's proprietary floppy disk controller core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com