Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 95 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 95 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 91Page - SMSC Corporation LPC47M14X Datasheet HTML 92Page - SMSC Corporation LPC47M14X Datasheet HTML 93Page - SMSC Corporation LPC47M14X Datasheet HTML 94Page - SMSC Corporation LPC47M14X Datasheet HTML 95Page - SMSC Corporation LPC47M14X Datasheet HTML 96Page - SMSC Corporation LPC47M14X Datasheet HTML 97Page - SMSC Corporation LPC47M14X Datasheet HTML 98Page - SMSC Corporation LPC47M14X Datasheet HTML 99Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 205 page
background image
SMSC DS – LPC47M14X
Page 95
Rev. 03/19/2001
Register Behavior
Table 47 illustrates the AT and PS/2 (including Model 30) configuration registers available and the type of access
permitted. In order to maintain software transparency, access to all the registers must be maintained. As Table 47
shows, two sets of registers are distinguished based on whether their access results in the part remaining in powerdown
state or exiting it.
Access to all other registers is possible without awakening the part.
These registers can be accessed during
powerdown without changing the status of the part. A read from these registers will reflect the true status as shown in
the register description in the FDC description. A write to the part will result in the part retaining the data and
subsequently reflecting it when the part awakens. Accessing the part during powerdown may cause an increase in the
power consumption by the part. The part will revert back to its low power mode when the access has been completed.
Pin Behavior
The LPC47M14x is specifically designed for systems in which power conservation is a primary concern. This makes the
behavior of the pins during powerdown very important.
The pins of the LPC47M14x can be divided into two major categories: system interface and floppy disk drive interface.
The floppy disk drive pins are disabled so that no power will be drawn through the part as a result of any voltage applied
to the pin within the part's power supply range. Most of the system interface pins are left active to monitor system
accesses that may wake up the part.
Table 47 – PC/AT and PS/2 Available Registers
AVAILABLE REGISTERS
BASE + ADDRESS
PC-AT
PS/2 (MODEL 30)
ACCESS PERMITTED
Access to these registers DOES NOT wake up the part
00H
----
SRA
R
01H
----
SRB
R
02H
DOR (1)
DOR (1)
R/W
03H
---
---
---
04H
DSR (1)
DSR (1)
W
06H
---
---
---
07H
DIR
DIR
R
07H
CCR
CCR
W
Access to these registers wakes up the part
04H
MSR
MSR
R
05H
Data
Data
R/W
Note 1: Writing to the DOR or DSR does not wake up the part, however, writing any of the motor enable bits or doing a
software reset (via DOR or DSR reset bits) will wake up the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com