Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 75 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 75 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 71Page - SMSC Corporation LPC47M14X Datasheet HTML 72Page - SMSC Corporation LPC47M14X Datasheet HTML 73Page - SMSC Corporation LPC47M14X Datasheet HTML 74Page - SMSC Corporation LPC47M14X Datasheet HTML 75Page - SMSC Corporation LPC47M14X Datasheet HTML 76Page - SMSC Corporation LPC47M14X Datasheet HTML 77Page - SMSC Corporation LPC47M14X Datasheet HTML 78Page - SMSC Corporation LPC47M14X Datasheet HTML 79Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 205 page
background image
SMSC DS – LPC47M14X
Page 75
Rev. 03/19/2001
Table 37 – MIDI Receive Buffer Empty Status Bit
STATUS PORT
DESCRIPTION
D7
0
MIDI Read/Command Acknowledge data is
available to the host.
1
MIDI Read/Command Acknowledge data is
NOT available to the host.
Bit 6 – MIDI Transmit Busy
Bit 6 MIDI Transmit Busy indicates the send (write) state of the MIDI Data port and Command port (Table 38)
There are no interrupts associated with MIDI transmit (write) data.
Table 38 – MIDI Transmit Busy Status Bit
STATUS PORT
DESCRIPTION
D6
0
The MPU-401 interface is ready to accept a
data/command byte from the host.
1
The MPU-401 interface is NOT ready to
accept a data/command byte from the host.
Bits[5:0]
RESERVED (Reserved bits cannot be written and return ‘0’ when read).
Command Port
The Command port is used to transfer MPU-401 commands to the Command Controller. The Command port is write-
only (Table 39). See Section “MPU-401 Command controller” below.
Table 39 – MPU-401 Command Port
MPU-401 I/O BASE ADDRESS+1
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
TYPE
W
W
W
W
W
W
W
W
n/a
NAME
COMMAND REGISTER
Interrupt
The MPU-401 IRQ is asserted (‘1’) when either MIDI receive data or a command acknowledge byte is available tot he
host in the MIDI data register (FIGURE 4). the IRQ is deasserted (‘0’) when the host reads the MIDI Data port.
Note: If, following a host read, data is still available in the 16C550A Receive FIFO, the IRQ will remain asserted (‘1’).
The IRQ is enabled when the ‘Activate’ bit in the MPU-401 configuration registers logical device block is asserted ‘1’.
If the Activate bit is deasserted ‘0’, the MPU-401 IRQ cannot be asserted (see Section “MPU-401 Configuration
Registers”).
The MPU-401 IRQ is not affected by MIDI write data, 16C550A transmit-related functions or Receiver Line Status
interrupts.
The factory default Sound Blaster 16 MPU-401 IRQ is 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com