Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 20 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 20 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 16Page - SMSC Corporation LPC47M14X Datasheet HTML 17Page - SMSC Corporation LPC47M14X Datasheet HTML 18Page - SMSC Corporation LPC47M14X Datasheet HTML 19Page - SMSC Corporation LPC47M14X Datasheet HTML 20Page - SMSC Corporation LPC47M14X Datasheet HTML 21Page - SMSC Corporation LPC47M14X Datasheet HTML 22Page - SMSC Corporation LPC47M14X Datasheet HTML 23Page - SMSC Corporation LPC47M14X Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 205 page
background image
SMSC DS – LPC47M14X
Page 20
Rev. 03/19/2001
6
FUNCTIONAL DESCRIPTION
6.1
SUPER I/O REGISTERS
The address map, shown below in Table 1 shows the addresses of the different blocks of the Super I/O immediately
after power up. The base addresses of the FDC, serial and parallel ports, PME register block, Game port and
configuration register block can be moved via the configuration registers. Some addresses are used to access more
than one register.
6.2
HOST PROCESSOR INTERFACE (LPC)
The host processor communicates with the LPC47M14x through a series of read/write registers via the LPC interface.
The port addresses for these registers are shown in Table 1. Register access is accomplished through I/O cycles or
DMA transfers. All registers are 8 bits wide.
Table 1 – Super I/O Block Addresses
ADDRESS
BLOCK NAME
LOGICAL
DEVICE
NOTES
Base+(0-5) and +(7)
Floppy Disk
0
Base+(0-7)
Serial Port Com 1
4
Base1+(0-7)
Base2+(0-7)
Serial Port Com 2
5
Base+(0-3)
Base+(0-7)
Base+(0-3), +(400-402)
Base+(0-7), +(400-402)
Parallel Port
SPP
EPP
ECP
ECP+EPP+SPP
3
60, 64
KYBD
7
Base + 0
Game Port
9
Base + (0-5F)
Runtime Registers
A
2
Base + (0-1)
MPU-401
B
Base + (0-1)
Configuration
n/a
USB Hub
C
1
Note:
Refer to the configuration register descriptions for setting the base address.
Note 1: No Addressable Registers in the Hub Block.
Note 2: Logical Device A is referred to as the Runtime Register block or PME Block and may be
used interchangeably throughout this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com