Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 67 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 67 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 63Page - SMSC Corporation LPC47M14X Datasheet HTML 64Page - SMSC Corporation LPC47M14X Datasheet HTML 65Page - SMSC Corporation LPC47M14X Datasheet HTML 66Page - SMSC Corporation LPC47M14X Datasheet HTML 67Page - SMSC Corporation LPC47M14X Datasheet HTML 68Page - SMSC Corporation LPC47M14X Datasheet HTML 69Page - SMSC Corporation LPC47M14X Datasheet HTML 70Page - SMSC Corporation LPC47M14X Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 205 page
background image
SMSC DS – LPC47M14X
Page 67
Rev. 03/19/2001
50% duty cycle. If a 3 or greater is loaded the output is low for 2 bits and high for the remainder of the count. The input
clock to the BRG is a 1.8462 MHz clock.
Table 31 shows the baud rates possible.
Effect Of The Reset on Register File
The Reset Function (details the effect of the Reset input on each of the registers of the Serial Port.
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts are enabled (FCR bit 0 = "1", IER bit 0 = "1"), RCVR interrupts occur as
follows:
The receive data available interrupt will be issued when the FIFO has reached its programmed trigger level; it is
cleared as soon as the FIFO drops below its programmed trigger level.
The IIR receive data available indication also occurs when the FIFO trigger level is reached. It is cleared when
the FIFO drops below the trigger level.
The receiver line status interrupt (IIR=06H), has higher priority than the received data available (IIR=04H)
interrupt.
The data ready bit (LSR bit 0) is set as soon as a character is transferred from the shift register to the RCVR
FIFO. It is reset when the FIFO is empty.
When RCVR FIFO and receiver interrupts are enabled, RCVR FIFO timeout interrupts occur as follows:
1)
A FIFO timeout interrupt occurs if all the following conditions exist:
At least one character is in the FIFO.
The most recent serial character received was longer than 4 continuous character times ago. (If 2 stop bits
are programmed, the second one is included in this time delay).
The most recent CPU read of the FIFO was longer than 4 continuous character times ago.
This will cause a maximum character received to interrupt issued delay of 160 msec at 300 BAUD with a 12 bit
character.
Character times are calculated by using the RCLK input for a clock signal (this makes the delay proportional
to the baudrate).
When a timeout interrupt has occurred it is cleared and the timer reset when the CPU reads one character
from the RCVR FIFO.
When a timeout interrupt has not occurred the timeout timer is reset after a new character is received or after
the CPU reads the RCVR FIFO.
When the XMIT FIFO and transmitter interrupts are enabled (FCR bit 0 = "1", IER bit 1 = "1"), XMIT interrupts occur as
follows:
The transmitter holding register interrupt (02H) occurs when the XMIT FIFO is empty; it is cleared as soon as
the transmitter holding register is written to (1 of 16 characters may be written to the XMIT FIFO while
servicing this interrupt) or the IIR is read.
The transmitter FIFO empty indications will be delayed 1 character time minus the last stop bit time whenever
the following occurs: THRE=1 and there have not been at least two bytes at the same time in the transmitter
FIFO since the last THRE=1. The transmitter interrupt after changing FCR0 will be immediate, if it is enabled.
Character timeout and RCVR FIFO trigger level interrupts have the same priority as the current received data available
interrupt; XMIT FIFO empty has the same priority as the current transmitter holding register empty interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com