Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 16 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 16 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 12Page - SMSC Corporation LPC47M14X Datasheet HTML 13Page - SMSC Corporation LPC47M14X Datasheet HTML 14Page - SMSC Corporation LPC47M14X Datasheet HTML 15Page - SMSC Corporation LPC47M14X Datasheet HTML 16Page - SMSC Corporation LPC47M14X Datasheet HTML 17Page - SMSC Corporation LPC47M14X Datasheet HTML 18Page - SMSC Corporation LPC47M14X Datasheet HTML 19Page - SMSC Corporation LPC47M14X Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 205 page
background image
SMSC DS – LPC47M14X
Page 16
Rev. 03/19/2001
4
BLOCK DIAGRAM
FIGURE 1 – LPC47M14X BLOCK DIAGRAM
LPC47M14x
(128 QFP)
DIGITAL DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
SMC PROPRIETARY
82077 COMPATIBLE
VERTICAL
FLOPPYDISK
CONTROLLER CORE
WDATA
WCLOCK
RCLOCK
RDATA
Game Port
Fan Control
2nd Infrared Port
Multi-Mode
Parallel Port
with
ChiProtectTM/FDC
MUX
(see LPC47B27x)
PD[7,0]
Busy, Slct, PE,
ERROR, ACK
STROBE, INIT, SLCTIN,
ALF
LEDs
Internal Bus
(Data, Address, and Control lines)
CLOCK GEN
CLK32
CLOCKI
High-Speed
16550A
UART
PORT 1
TXD1, RXD1
DSR1, DTR1
DCD1, RI1
CTS1, RTS1
MPU-401
Serial Port
MIDI_OUT*
MIDI_IN*
Keyboard/Mouse
8042
controller
KCLK, MCLK
KDATA, MDATA
GateA20*
KRESET*
P12*, P16*, P17*
High-Speed
16550A
UART
PORT 2
TXD2 (IRTX)*,
RXD2 (IRRX)*
DSR2*, DTR2*
DCD2*, RI2*
CTS2*, RTS2 *
LAD[3:0]
LFrame
LDRQ
PCI_RESET
LPCPD
SER_IRQ
PCI_CLK
LPC
Bus Interface
SERIAL
IRQ
Power Mgmt
IO_PME*
IO_SMI*
General
Purpose
I/O
GP1[0:7]*
GP2[0:2,4:7]*
GP3[0:7]*, GP4[0:3]*
GP5[0:7]*, GP6[0:1]*
CLOCK GEN
ICLK
OCLK
USB HUB
PWROK[3,0]
PWREN[3,0]
PD1+
PD1-
PD2+
PD2-
PD3+
PD3-
PD4+
PD4-
Note 1: This diagram does not show power and ground
connections.
Note 2: Functions with "*" are located on multifunctional
pins. This diagram is designed to show the various functions
available on the chip (not pin layout).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com