Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 34 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 34 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 30Page - SMSC Corporation LPC47M14X Datasheet HTML 31Page - SMSC Corporation LPC47M14X Datasheet HTML 32Page - SMSC Corporation LPC47M14X Datasheet HTML 33Page - SMSC Corporation LPC47M14X Datasheet HTML 34Page - SMSC Corporation LPC47M14X Datasheet HTML 35Page - SMSC Corporation LPC47M14X Datasheet HTML 36Page - SMSC Corporation LPC47M14X Datasheet HTML 37Page - SMSC Corporation LPC47M14X Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 205 page
background image
SMSC DS – LPC47M14X
Page 34
Rev. 03/19/2001
MAIN STATUS REGISTER
Address 3F4 READ ONLY
The Main Status Register is a read-only register and indicates the status of the disk controller. The Main Status Register
can be read at any time. The MSR indicates when the disk controller is ready to receive data via the Data Register. It
should be read before each byte transferring to or from the data register except in DMA mode. No delay is required
when reading the MSR after a data transfer.
7
6
5
4
3
2
1
0
RQM
DIO
NON
DMA
CMD
BUSY
Reserved Reserved
DRV1
BUSY
DRV0
BUSY
BIT 0 - 1 DRV x BUSY
These bits are set to 1s when a drive is in the seek portion of a command, including implied and overlapped seeks and
recalibrates.
BIT 4 COMMAND BUSY
This bit is set to a 1 when a command is in progress. This bit will go active after the command byte has been accepted
and goes inactive at the end of the results phase. If there is no result phase (Seek, Recalibrate commands), this bit is
returned to a 0 after the last command byte.
BIT 5 NON-DMA
Reserved, read ‘0’. This part does not support non-DMA mode.
BIT 6 DIO
Indicates the direction of a data transfer once a RQM is set. A 1 indicates a read and a 0 indicates a write is required.
BIT 7 RQM
Indicates that the host can transfer data if set to a 1. No access is permitted if set to a 0.
DATA REGISTER (FIFO)
Address 3F5 READ/WRITE
All command parameter information, disk data and result status are transferred between the host processor and the
floppy disk controller through the Data Register.
Data transfers are governed by the RQM and DIO bits in the Main Status Register.
The Data Register defaults to FIFO disabled mode after any form of reset.
This maintains PC/AT hardware
compatibility. The default values can be changed through the Configure command (enable full FIFO operation with
threshold control). The advantage of the FIFO is that it allows the system a larger DMA latency without causing a disk
error. Table 12 gives several examples of the delays with a FIFO.
The data is based upon the following formula:
Threshold # x
1
DATA
RATE
x 8
- 1.5
µs =
DELAY
At the start of a command, the FIFO action is always disabled and command parameters must be sent based upon the
RQM and DIO bit settings. As the command execution phase is entered, the FIFO is cleared of any data to ensure that
invalid data is not transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com