Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 140 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 140 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 136Page - SMSC Corporation LPC47M14X Datasheet HTML 137Page - SMSC Corporation LPC47M14X Datasheet HTML 138Page - SMSC Corporation LPC47M14X Datasheet HTML 139Page - SMSC Corporation LPC47M14X Datasheet HTML 140Page - SMSC Corporation LPC47M14X Datasheet HTML 141Page - SMSC Corporation LPC47M14X Datasheet HTML 142Page - SMSC Corporation LPC47M14X Datasheet HTML 143Page - SMSC Corporation LPC47M14X Datasheet HTML 144Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 205 page
background image
SMSC DS – LPC47M14X
Page 140
Rev. 03/19/2001
NAME
REG OFFSET
(hex)
DESCRIPTION
GP22
Default =0x01
on VTR POR
2D
(R/W)
General Purpose I/0 bit 2.2
Bit[0] In/Out : =1 Input, =0 Output
Bit[1] Polarity : =1 Invert, =0 No Invert
Bit[3:2] Alternate Function Select
11= nMTR1 – Floppy Motor Select 1 (Note 4)
10=Either Edge Triggered Interrupt Input 1 (Note 1)
01=8042 P12 function (Note 10)
00=Basic GPIO function
Bits[6:4] Reserved
Bit[7] Output Type Select
1=Open Drain
0=Push Pull
N/A
2E
(R)
Reserved – reads return 0
GP24
Default = 0x01
on VTR POR
2F
(R/W)
General Purpose I/0 bit 2.4
Bit[0] In/Out : =1 Input, =0 Output
Bit[1] Polarity : =1 Invert, =0 No Invert
Bit[2] Reserved
Bits[6:3] Reserved
Bit[7] Output Type Select
1=Open Drain
0=Push Pull
GP25
Default = 0x01
on VTR POR
30
(R/W)
General Purpose I/0 bit 2.5
Bit[0] In/Out : =1 Input, =0 Output
Bit[1] Polarity : =1 Invert, =0 No Invert
Bit[2] Alternate Function Select
1=MIDI_IN
0=GPIO
Bits[6:3] Reserved
Bit[7] Output Type Select
1=Open Drain
0=Push Pull
GP26
Default = 0x01
on VTR POR
31
(R/W)
General Purpose I/0 bit 2.6
Bit[0] In/Out : =1 Input, =0 Output
Bit[1] Polarity : =1 Invert, =0 No Invert
Bit[2] Alternate Function Select
1=MIDI_OUT
0=GPIO
Bits[6:3] Reserved
Bit[7] Output Type Select
1=Open Drain
0=Push Pull
GP27
Default = 0x01
on VTR POR
32
(R/W)
General Purpose I/0 bit 2.7
Bit[0] In/Out : =1 Input, =0 Output
Bit[1] Polarity : =1 Invert, =0 No Invert
Bit[2] Alternate Function Select
1=nIO_SMI (Note 5)
0=GPIO
Bits[6:3] Reserved
Bit[7] Output Type Select
1=Open Drain
0=Push Pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com