Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 42Page - STMicroelectronics STM32MP151A Datasheet HTML 43Page - STMicroelectronics STM32MP151A Datasheet HTML 44Page - STMicroelectronics STM32MP151A Datasheet HTML 45Page - STMicroelectronics STM32MP151A Datasheet HTML 46Page - STMicroelectronics STM32MP151A Datasheet HTML 47Page - STMicroelectronics STM32MP151A Datasheet HTML 48Page - STMicroelectronics STM32MP151A Datasheet HTML 49Page - STMicroelectronics STM32MP151A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 253 page
background image
Functional overview
STM32MP151A/D
46/253
DS12500 Rev 3
3.33.8
Generic timers (Cortex-A7 CNT)
Cortex-A7 generic timers embedded inside Cortex-A7 are fed by value from system timing
generation (STGEN).
The Cortex-A7 processor provides a set of four timers:
•
Physical timer for use in secure and non-secure modes. The registers for the physical
timer are banked to provide secure and non-secure copies.
•
Virtual timer for use in non-secure modes.
•
Physical timer for use in hypervisor mode.
Generic timers are not memory mapped peripherals, they are accessible only by specific
Cortex-A7 coprocessor instructions (cp15).
3.34
System timer generation (STGEN)
The system timing generation (STGEN) generates a time count value that provides a
consistent view of time for all Cortex-A7 generic timers.
The system timing generation has the following key features:
•
64-bit wide to avoid roll-over issues.
•
Starts from zero or a programmable value.
•
A control APB interface (STGENC) enables the timer to be saved and restored across
powerdown events.
•
Read-only APB interface (STGENR) enables the timer value to be read by non-secure
software and debug tools.
•
The timer value incrementing can be stopped during system debug.
STGENC can be defined (in ETZPC) as accessible by secure software only.
3.35
Real-time clock (RTC)
The RTC provides an automatic wakeup to manage all low-power modes.
The real-time clock (RTC) is an independent BCD timer/counter. The RTC provides a time-
of-day clock/calendar with programmable alarm interrupts.
The RTC includes also a periodic programmable wakeup flag with interrupt capability.
Two 32-bit registers contain the seconds, minutes, hours (12- or 24-hour format), day (day
of week), date (day of month), month, and year, expressed in binary coded decimal format
(BCD). The sub-seconds value is also available in binary format.
Compensations for 28-, 29- (leap year), 30-, and 31-day months are performed
automatically. Daylight saving time compensation can also be performed.
Additional 32-bit registers contain the programmable alarm subseconds, seconds, minutes,
hours, day, and date.
A digital calibration feature is available to compensate for any deviation in crystal oscillator
accuracy.
After backup domain reset, all RTC registers are protected against possible parasitic write
accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com