Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 31Page - STMicroelectronics STM32MP151A Datasheet HTML 32Page - STMicroelectronics STM32MP151A Datasheet HTML 33Page - STMicroelectronics STM32MP151A Datasheet HTML 34Page - STMicroelectronics STM32MP151A Datasheet HTML 35Page - STMicroelectronics STM32MP151A Datasheet HTML 36Page - STMicroelectronics STM32MP151A Datasheet HTML 37Page - STMicroelectronics STM32MP151A Datasheet HTML 38Page - STMicroelectronics STM32MP151A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 253 page
background image
DS12500 Rev 3
35/253
STM32MP151A/D
Functional overview
55
3.15
DMA controllers
The devices features three DMA modules to unload CPU activity:
•
A master direct memory access (MDMA)
The MDMA is a high-speed DMA controller, which is in charge of all types of memory
transfers (peripheral to memory, memory to memory, memory to peripheral), without
any CPU action. It features a master AXI interface.
The MDMA is located in MPU domain. It is able to interface with the other DMA
controllers located in MCU domain to extend the standard DMA capabilities, or can
manage peripheral DMA requests directly.
Each of the 32 channels can perform block transfers, repeated block transfers and
linked list transfers.
The MDMA can be set to make secure transfers to secured memories.
•
Two DMA controllers (DMA1, DMA2), located in MCU domain. Each controller is a
dual-port AHB, for a total of 16 DMA channels to perform FIFO-based block transfers.
The DMAMUX is an extension of the DMA1 and DMA2 controllers. It multiplexes and routes
the DMA peripheral requests to the DMA1 or DMA2 controllers, with a high flexibility,
maximizing the number of DMA requests that run concurrently, as well as generating DMA
requests from peripheral output trigger or DMA event.
3.16
Nested vectored interrupt controller (NVIC)
The devices embed a nested vectored interrupt controller able to manage 16 priority levels,
and handle up to 150 maskable interrupt channels plus the 16 interrupt lines of the Cortex®-
M4 with FPU core.
•
Closely coupled NVIC gives low-latency interrupt processing
•
Interrupt entry vector table address passed directly to the core
•
Allows early processing of interrupts
•
Processing of late arriving, higher-priority interrupts
•
Support tail chaining
•
Processor context automatically saved
•
Interrupt entry restored on interrupt exit with no instruction overhead
This hardware block provides flexible interrupt management features with minimum interrupt
latency.
3.17
Extended interrupt and event controller (EXTI)
The extended interrupt and event controller (EXTI) manages individual CPU and system
wakeup through configurable and direct event inputs. It provides wake-up requests to the
power control, and generates an interrupt request to the CPUs NVIC or GIC and events to
the CPUs event inputs. For each CPU an additional event generation block (EVG) is needed
to generate the CPU event signal.
The EXTI wake-up requests allow the system to be woken up from Stop mode, and the
CPUs to be woken up from CStop and CStandby modes.
The interrupt request and event request generation can also be used in Run mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com