Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 48Page - STMicroelectronics STM32MP151A Datasheet HTML 49Page - STMicroelectronics STM32MP151A Datasheet HTML 50Page - STMicroelectronics STM32MP151A Datasheet HTML 51Page - STMicroelectronics STM32MP151A Datasheet HTML 52Page - STMicroelectronics STM32MP151A Datasheet HTML 53Page - STMicroelectronics STM32MP151A Datasheet HTML 54Page - STMicroelectronics STM32MP151A Datasheet HTML 55Page - STMicroelectronics STM32MP151A Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 253 page
background image
Functional overview
STM32MP151A/D
52/253
DS12500 Rev 3
3.42
Management data input/output (MDIOS)
The devices embed a MDIO slave interface. It includes the following features:
•
32 MDIO register addresses, each of which is managed using separate input and
output data registers:
–
32 x 16-bit firmware read/write, MDIO read-only output data registers
–
32 x 16-bit firmware read-only, MDIO write-only input data registers
•
Configurable slave (port) address
•
Independently maskable interrupts/events:
–
MDIO register write
–
MDIO register read
–
MDIO protocol error
•
Able to operate in and wake up from Stop mode
3.43
Secure digital input/output MultiMediaCard interface
(SDMMC1, SDMMC2, SDMMC3)
Three secure digital input/output MultiMediaCard interfaces (SDMMC) provide an interface
between the AHB bus and SD memory cards, SDIO cards and MMC devices.
The SDMMC features include the following:
•
Full compliance with MultiMediaCard System Specification Version 4.51.
Card support for three different databus modes: 1-bit (default), 4-bit and 8-bit.
•
Full compatibility with previous versions of MultiMediaCards (backward compatibility).
•
Full compliance with SD memory card specifications version 4.1.
(SDR104 SDMMC_CK speed limited to maximum allowed I/O speed, SPI mode and
UHS-II mode not supported).
•
Full compliance with SDIO card specification version 4.0.
Card support for two different databus modes: 1-bit (default) and 4-bit.
(SDR104 SDMMC_CK speed limited to maximum allowed I/O speed, SPI mode and
UHS-II mode not supported).
•
Data transfer up to 208 Mbyte/s for the 8-bit mode.
(depending maximum allowed I/O speed).
•
Data and command output enable signals to control external bidirectional drivers.
•
The SDMMC host interface embeds a dedicated DMA controller allowing high-speed
transfers between the interface and the SRAM.
•
IDMA linked list support
Each SDMMC is coupled with a delay block (DLYBSD) allowing support of an external data
frequency above 100 MHz.
3.44
Universal serial bus high-speed host (USBH)
The devices embed one USB high-speed host (up to 480 Mbit/s) with two physical ports.
USBH supports both low, full-speed (OHCI) as well as high-speed (EHCI) operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com