Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 60Page - STMicroelectronics STM32MP151A Datasheet HTML 61Page - STMicroelectronics STM32MP151A Datasheet HTML 62Page - STMicroelectronics STM32MP151A Datasheet HTML 63Page - STMicroelectronics STM32MP151A Datasheet HTML 64Page - STMicroelectronics STM32MP151A Datasheet HTML 65Page - STMicroelectronics STM32MP151A Datasheet HTML 66Page - STMicroelectronics STM32MP151A Datasheet HTML 67Page - STMicroelectronics STM32MP151A Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151A/D
64/253
DS12500 Rev 3
1E1
F3
L3
M3
PD14
I/O
FT_a
-
TIM4_CH3, SAI3_MCLK_B,
UART8_CTS,
FMC_AD0/FMC_D0, EVENTOUT
-
1C2
G1
J2
L1
PD15
I/O
FT_a
-
TIM4_CH4, SAI3_MCLK_A,
UART8_CTS,
FMC_AD1/FMC_D1, LCD_R1,
EVENTOUT
-
E1
F2
K3
M1
PD8
I/O
FT_a
-
DFSDM1_CKIN3, SAI3_SCK_B,
USART3_TX, SPDIFRX_IN2,
FMC_AD13/FMC_D13, LCD_B7,
EVENTOUT
-
1C1
G3
K1
M2
PD9
I/O
FT_a
-
DFSDM1_DATIN3, SAI3_SD_B,
USART3_RX,
FMC_AD14/FMC_D14,
DCMI_HSYNC, LCD_B0,
EVENTOUT
-
--
-
N8
VDD
S
-
-
-
-
W1
D1
C21
C8
VSS
S
-
-
-
-
-
-
1A6
-
VDDCORE
S
-
-
-
-
1D1
H3
1F1
M4
VBAT
S
-
-
-
-
-
D4
-
C11
VSS
S
-
-
-
-
-
-
L4
N1
PI8
I/O
FT
(1)
EVENTOUT
RTC_OUT2/
RTC_LSCO,
TAMP_IN2/
TAMP_OUT3,
WKUP4
G3
K3
K2
N2
PC13
I/O
FT
(1)
EVENTOUT
RTC_OUT1/
RTC_TS/
RTC_LSCO,
TAMP_IN1/
TAMP_OUT2/
TAMP_OUT3,
WKUP3
F3
D5
D4
C19
VSS
S
-
-
-
-
F2
H2
L1
P2
PC15-
OSC32_OUT
I/O
FT
(1)
EVENTOUT
OSC32_OUT
-
F4
-
H15
VDDCORE
S
-
-
-
-
1C4
F6
1B1
-
VDDCORE
S
-
-
-
-
G2
H1
L2
P1
PC14-
OSC32_IN
I/O
FT
(1)
EVENTOUT
OSC32_IN
E2
J1
M3
R2
NRST
I/O
RST
-
-
-
J3
J2
M4
R1
NRST_CORE
I
RST
-
-
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com