Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 62Page - STMicroelectronics STM32MP151A Datasheet HTML 63Page - STMicroelectronics STM32MP151A Datasheet HTML 64Page - STMicroelectronics STM32MP151A Datasheet HTML 65Page - STMicroelectronics STM32MP151A Datasheet HTML 66Page - STMicroelectronics STM32MP151A Datasheet HTML 67Page - STMicroelectronics STM32MP151A Datasheet HTML 68Page - STMicroelectronics STM32MP151A Datasheet HTML 69Page - STMicroelectronics STM32MP151A Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151A/D
66/253
DS12500 Rev 3
-
-
W4
W2
PH7
I/O
FT_fh
-
I2C3_SCL, SPI5_MISO,
ETH1_GMII_RXD3/
ETH1_MII_RXD3/
ETH1_RGMII_RXD3,
MDIOS_MDC, DCMI_D9,
EVENTOUT
-
-
-
U1
V3
PF3
I/O
FT_e
-
ETH1_GMII_TX_ER, FMC_A3,
EVENTOUT
-
P3
T3
W2
U3
PC3
I/O
FT_ha
-
TRACECLK, DFSDM1_DATIN1,
SPI2_MOSI/I2S2_SDO,
ETH1_GMII_TX_CLK/
ETH1_MII_TX_CLK, EVENTOUT
ADC1_INP13,
ADC1_INN12
-
-
T4
U4
PG3
I/O
FT_e
-
TRACED3, TIM8_BKIN2,
DFSDM1_CKIN1,
ETH1_GMII_TXD7, FMC_A13,
EVENTOUT
-
P1
T1
Y1
Y2
PE2
I/O
FT_fae -
TRACECLK, SAI1_CK1,
I2C4_SCL, SPI4_SCK,
SAI1_MCLK_A,
QUADSPI_BK1_IO2,
ETH1_GMII_TXD3/
ETH1_MII_TXD3/
ETH1_RGMII_TXD3, FMC_A23,
EVENTOUT
-
--
-
N10
VDD
S
-
-
-
-
-
E4
H3
D4
VSS
S
-
-
-
-
N2
P3
U2
T4
PA3
I/O
FT_a
-
TIM2_CH4, TIM5_CH4,
LPTIM5_OUT, TIM15_CH2,
USART2_RX, LCD_B2,
ETH1_GMII_COL/
ETH1_MII_COL, LCD_B5,
EVENTOUT
ADC1_INP15,
PVD_IN
P2
T2
Y2
Y1
PC2
I/O
FT_ae
-
DFSDM1_CKIN1,
SPI2_MISO/I2S2_SDI,
DFSDM1_CKOUT,
ETH1_GMII_TXD2/
ETH1_MII_TXD2/
ETH1_RGMII_TXD2,
DCMI_PIXCLK, EVENTOUT
ADC1_INP12,
ADC1_INN11
-
-
V2
W4
PG2
I/O
FT_e
-
TRACED2, MCO2, TIM8_BKIN,
ETH1_GMII_TXD6, FMC_A12,
EVENTOUT
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com