Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 49Page - STMicroelectronics STM32MP151A Datasheet HTML 50Page - STMicroelectronics STM32MP151A Datasheet HTML 51Page - STMicroelectronics STM32MP151A Datasheet HTML 52Page - STMicroelectronics STM32MP151A Datasheet HTML 53Page - STMicroelectronics STM32MP151A Datasheet HTML 54Page - STMicroelectronics STM32MP151A Datasheet HTML 55Page - STMicroelectronics STM32MP151A Datasheet HTML 56Page - STMicroelectronics STM32MP151A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 253 page
background image
DS12500 Rev 3
53/253
STM32MP151A/D
Functional overview
55
independently on each port. It integrates two transceivers which can be used for either low-
speed (1.2 Mbit/s), full-speed (12 Mbit/s) or high-speed operation (480 Mbit/s), the second
high-speed transceiver is shared with OTG high-speed.
The USB HS is compliant with the USB 2.0 specification. The USB HS controllers require
dedicated clocks that are generated by a PLL inside the USB high-speed PHY.
3.45
USB on-the-go high-speed (OTG)
The devices embed one USB OTG high-speed (up to 480 Mbit/s) device/host/OTG
peripheral. OTG supports both full-speed and high-speed operations. It integrates the
transceivers for full-speed operation (12 Mbit/s) and high-speed operation (480 Mbit/s)
shared with USB Host second port.
The USB OTG HS is compliant with the USB 2.0 specification and with the OTG 2.0
specification. It has software-configurable endpoint setting and supports suspend/resume.
The USB OTG controllers require a dedicated 48 MHz clock that is generated by a PLL
inside RCC or inside the USB high-speed PHY.
The main features are:
•
Combined Rx and Tx FIFO size of 4 Kbyte with dynamic FIFO sizing
•
Supports the session request protocol (SRP) and host negotiation protocol (HNP)
•
8 bidirectional endpoints
•
16 host channels with periodic OUT support
•
Software configurable to OTG1.3 and OTG2.0 modes of operation
•
USB 2.0 LPM (link power management) support
•
Battery charging specification revision 1.2 support
•
Internal FS or HS OTG PHY support
•
Internal USB DMA
•
HNP/SNP/IP inside (no need for any external resistor)
•
For OTG/Host modes, a power switch is needed in case bus-powered devices are
connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com