Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 75Page - STMicroelectronics STM32MP151A Datasheet HTML 76Page - STMicroelectronics STM32MP151A Datasheet HTML 77Page - STMicroelectronics STM32MP151A Datasheet HTML 78Page - STMicroelectronics STM32MP151A Datasheet HTML 79Page - STMicroelectronics STM32MP151A Datasheet HTML 80Page - STMicroelectronics STM32MP151A Datasheet HTML 81Page - STMicroelectronics STM32MP151A Datasheet HTML 82Page - STMicroelectronics STM32MP151A Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 253 page
background image
DS12500 Rev 3
79/253
STM32MP151A/D
Pinouts, pin description and alternate functions
118
1C7
L6
1D4
N17
VSS
S
-
-
-
-
G18 H18
L20
K19
DDR_A0
O
DDR
-
-
-
-
L15
-
P17
VDDQ_DDR
S
-
-
-
-
G19 G19
L23
K20
DDR_BA0
O
DDR
-
-
-
E17 F17
F20
G18
DDR_A13
O
DDR
-
-
-
-
L8
-
P3
VSS
S
-
-
-
-
F17 G18
J20
J18
DDR_A2
O
DDR
-
-
-
1E7 L10
1D6
P7
VSS
S
-
-
-
-
F19 F19
K22
J19
DDR_A3
O
DDR
-
-
-
-
-
1F9
-
VDDQ_DDR
S
-
-
-
-
C16 G16
D20
F19
DDR_
RESETN
ODDR
-
-
-
-
M14
-
R16
VDDQ_DDR
S
-
-
-
-
1C9 H17
H20
H19
DDR_A5
O
DDR
-
-
-
-
L12
1D8
P10
VSS
S
-
-
-
-
1A9 E17
E20
F18
DDR_A7
O
DDR
-
-
-
-
L14
-
P12
VSS
S
-
-
-
-
1A8 F18
K23
K22
DDR_ZQ
A
A
-
-
-
E18 G17
G20
H18
DDR_A9
O
DDR
-
-
-
1G7 M5
1E1
P14
VSS
S
-
-
-
-
-
J11
1D7
L14
VDDCORE
S
-
-
-
-
D18 E18
J21
J21
DDR_DQ4
I/O
DDR
-
-
-
-
M7
-
P20
VSS
S
-
-
-
-
D19 D17
J22
H20
DDR_DQ5
I/O
DDR
-
-
-
W13 M9
1E3
-
VSS
S
-
-
-
-
C18 D18
H21
H21
DDR_DQ2
I/O
DDR
-
-
-
-
-
-
T17
VDDQ_DDR
S
-
-
-
-
C19 D19
H22
H22
DDR_DQ6
I/O
DDR
-
-
-
-
-
1G8
-
VDDQ_DDR
S
-
-
-
-
B19 C19
G22
G22
DDR_DQS0P
I/O
DDR
-
-
-
-
M11
-
R8
VSS
S
-
-
-
-
B18 B19
G23
G21
DDR_DQS0N
I/O
DDR
-
-
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com