Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 71Page - STMicroelectronics STM32MP151A Datasheet HTML 72Page - STMicroelectronics STM32MP151A Datasheet HTML 73Page - STMicroelectronics STM32MP151A Datasheet HTML 74Page - STMicroelectronics STM32MP151A Datasheet HTML 75Page - STMicroelectronics STM32MP151A Datasheet HTML 76Page - STMicroelectronics STM32MP151A Datasheet HTML 77Page - STMicroelectronics STM32MP151A Datasheet HTML 78Page - STMicroelectronics STM32MP151A Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 253 page
background image
DS12500 Rev 3
75/253
STM32MP151A/D
Pinouts, pin description and alternate functions
118
W10 V13 AB16 AA14
USB_DM2
A
FT_u
-
-
USBH_HS_DM2,
OTG_HS_DM
-
U13 AA16
Y13
VSS_USBHS
S
-
-
-
-
-
-
-
Y14
VSS_USBHS
S
-
-
-
-
U11 T15 AB13 AA12
BYPASS_
REG1V8
IFT
-
-
-
W8
T14
Y13
W15
PG9
I/O
FT_h
-
DBTRGO, USART6_RX,
SPDIFRX_IN4,
QUADSPI_BK2_IO2,
SAI2_FS_B,
FMC_NE2/FMC_NCE,
DCMI_VSYNC, LCD_R1,
EVENTOUT
-
1G3
-
1H5
R10
VDD
S
-
-
-
-
-N9
-
-
VDD
S
-
-
-
-
1H5 V11 AB14 AB12
VDDA1V8_
REG
S-
-
-
-
1H3
-
-
G17
VSS
S
-
-
-
-
1J6 W11 AB15 AB17
VDDA1V1_
REG
S-
-
-
-
-
G4
AA21
H7
VSS
S
-
-
-
-
--
-
R12
VDD
S
-
-
-
-
-P6
-
-
VDD
S
-
-
-
-
-
U14
-
Y15
VSS_USBHS
S
-
-
-
-
-
V12
-
AA13 VSS_USBHS
S
-
-
-
-
1D4
G6
AC1
J9
VSS
S
-
-
-
-
-
V15
-
AA16 VSS_USBHS
S
-
-
-
-
W14 W14 AB17 AB15
USB_DM1
A
FT_u
-
-
USBH_HS_DM1
V14 V14 AC17 AA15
USB_DP1
A
FT_u
-
-
USBH_HS_DP1
V15 U16 AB19 W16
PA12
I/O
FT_uf
-
TIM1_ETR, I2C6_SDA,
I2C5_SDA, UART4_TX,
USART1_RTS/USART1_DE,
SAI2_FS_B, LCD_R5,
EVENTOUT
OTG_FS_DP
-
G8
-
J11
VSS
S
-
-
-
-
-
-
-
L8
VDDCORE
S
-
-
-
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com