Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 16Page - STMicroelectronics STM32MP151A Datasheet HTML 17Page - STMicroelectronics STM32MP151A Datasheet HTML 18Page - STMicroelectronics STM32MP151A Datasheet HTML 19Page - STMicroelectronics STM32MP151A Datasheet HTML 20Page - STMicroelectronics STM32MP151A Datasheet HTML 21Page - STMicroelectronics STM32MP151A Datasheet HTML 22Page - STMicroelectronics STM32MP151A Datasheet HTML 23Page - STMicroelectronics STM32MP151A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 253 page
background image
Functional overview
STM32MP151A/D
20/253
DS12500 Rev 3
3
Functional overview
3.1
Arm® Cortex®-A7 subsystem
3.1.1
Features
•
ARMv7-A architecture
•
32-Kbyte L1 instruction cache
•
32-Kbyte L1 data cache
•
256-Kbyte level2 cache
•
Arm® + Thumb®-2 instruction set
•
Arm® TrustZone® security technology
•
Arm® NEON™ Advanced SIMD
•
DSP and SIMD extensions
•
VFPv4 floating-point
•
Hardware virtualization support
•
Embedded trace module (ETM)
•
Integrated generic interrupt controller (GIC) with 256 shared peripheral interrupts
•
Integrated generic timer (CNT)
3.1.2
Overview
The Cortex-A7 processor is a very energy-efficient applications processor designed to
provide rich performance in high-end wearables, and other low-power embedded and
consumer applications. It provides up to 20 % more single thread performance than the
Cortex-A5 and provides similar performance than the Cortex-A9.
The Cortex-A7 incorporates all features of the high-performance Cortex-A15 and Cortex-
A17 processors, including virtualization support in hardware, NEON™, and 128-bit AMBA®4
AXI bus interface.
The Cortex-A7 processor builds on the energy-efficient 8-stage pipeline of the Cortex-A5
processor. It also benefits from an integrated L2 cache designed for low-power, with lower
transaction latencies and improved OS support for cache maintenance. On top of this, there
is improved branch prediction and improved memory system performance, with 64-bit load-
store path, 128-bit AMBA 4 AXI buses and increased TLB size (256 entry, up from 128 entry
for Cortex-A9 and Cortex-A5), increasing performance for large workloads such as web
browsing.
Thumb-2 technology
Delivers the peak performance of traditional Arm® code while also providing up to a 30 %
reduction in memory requirement for instructions storage.
TrustZone technology
Ensures reliable implementation of security applications ranging from digital rights
management to electronic payment. Broad support from technology and industry partners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com