Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 1 Page - STMicroelectronics

  STM32MP151A Datasheet HTML 1Page - STMicroelectronics STM32MP151A Datasheet HTML 2Page - STMicroelectronics STM32MP151A Datasheet HTML 3Page - STMicroelectronics STM32MP151A Datasheet HTML 4Page - STMicroelectronics STM32MP151A Datasheet HTML 5Page - STMicroelectronics STM32MP151A Datasheet HTML 6Page - STMicroelectronics STM32MP151A Datasheet HTML 7Page - STMicroelectronics STM32MP151A Datasheet HTML 8Page - STMicroelectronics STM32MP151A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 253 page
background image
This is information on a product in full production.
February 2020
DS12500 Rev 3
1/253
STM32MP151A/D
Arm® Cortex®-A7 800 MHz + Cortex®-M4 MPU,
TFT, 35 comm. interfaces, 25 timers, adv. analog
Datasheet
- production data
Features
Core
• 32-bit Arm® Cortex®-A7
– L1 32-Kbyte I / 32-Kbyte D
– 256-Kbyte unified level 2 cache
–Arm® NEON™ and Arm® TrustZone®
• 32-bit Arm® Cortex®-M4 with FPU/MPU
– Up to 209 MHz (Up to 703 CoreMark®)
Memories
• External DDR memory up to 1 Gbyte
– up to LPDDR2/LPDDR3-1066 16/32-bit
– up to DDR3/DDR3L-1066 16/32-bit
• 708 Kbytes of internal SRAM: 256 Kbytes of
AXI SYSRAM + 384 Kbytes of AHB SRAM +
64 Kbytes of AHB SRAM in Backup domain
and 4 Kbytes of SRAM in Backup domain
• Dual mode Quad-SPI memory interface
• Flexible external memory controller with up to
16-bit data bus: parallel interface to connect
external ICs and SLC NAND memories with up
to 8-bit ECC
Security/safety
• TrustZone® peripherals, active tamper
• Cortex®-M4 resources isolation
Reset and power management
• 1.71 V to 3.6 V I/Os supply (5 V-tolerant I/Os)
• POR, PDR, PVD and BOR
• On-chip LDOs (RETRAM, BKPSRAM, USB
1.8 V, 1.1 V)
• Backup regulator (~0.9 V)
• Internal temperature sensors
• Low-power modes: Sleep, Stop and Standby
• DDR memory retention in Standby mode
• Controls for PMIC companion chip
Low-power consumption
• Total current consumption down to 2 µA
(Standby mode, no RTC, no LSE, no
BKPSRAM, no RETRAM)
Clock management
• Internal oscillators: 64 MHz HSI oscillator,
4 MHz CSI oscillator, 32 kHz LSI oscillator
• External oscillators: 8-48 MHz HSE oscillator,
32.768 kHz LSE oscillator
• 5 × PLLs with fractional mode
General-purpose input/outputs
• Up to 176 I/O ports with interrupt capability
– Up to 8 secure I/Os
– Up to 6 Wakeup, 3 tampers, 1 active
tamper
Interconnect matrix
• 2 bus matrices
–64-bit Arm® AMBA® AXI interconnect, up to
266 MHz
–32-bit Arm® AMBA® AHB interconnect, up
to 209 MHz
3 DMA controllers to unload the CPU
• 48 physical channels in total
• 1 × high-speed general-purpose master direct
memory access controller (MDMA)
LFBGA
TFBGA361 (12 × 12 mm)
TFBGA257 (10 × 10 mm)
min Pitch 0.5mm
TFBGA
LFBGA448 (18 × 18mm)
LFBGA354 (16 × 16mm)
Pitch 0.8mm
www.st.com


Similar Part No. - STM32MP151A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32MP151A STMICROELECTRONICS-STM32MP151A Datasheet
3Mb / 245P
Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
08-Feb-2019
STM32MP151AAA3 STMICROELECTRONICS-STM32MP151AAA3 Datasheet
3Mb / 245P
Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
08-Feb-2019
STM32MP151AAA3T STMICROELECTRONICS-STM32MP151AAA3T Datasheet
3Mb / 245P
Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
08-Feb-2019
STM32MP151AAB3 STMICROELECTRONICS-STM32MP151AAB3 Datasheet
3Mb / 245P
Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
08-Feb-2019
STM32MP151AAB3T STMICROELECTRONICS-STM32MP151AAB3T Datasheet
3Mb / 245P
Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
08-Feb-2019
More results

Similar Description - STM32MP151A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32MP151C STMICROELECTRONICS-STM32MP151C Datasheet
3Mb / 253P
Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
February 2020 Rev 3
STM32MP153A STMICROELECTRONICS-STM32MP153A Datasheet
3Mb / 254P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
February 2020 Rev 3
STM32MP153C STMICROELECTRONICS-STM32MP153C Datasheet
3Mb / 254P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
February 2020 Rev 3
STM32MP157D STMICROELECTRONICS-STM32MP157D Datasheet
3Mb / 259P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
December 2020 Rev 5
STM32MP157F STMICROELECTRONICS-STM32MP157F Datasheet
3Mb / 260P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
December 2020 Rev 5
STM32MP153A STMICROELECTRONICS-STM32MP153A_V01 Datasheet
3Mb / 256P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
May 2021
STM32MP157D STMICROELECTRONICS-STM32MP157D_V01 Datasheet
3Mb / 261P
Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
17-May-2021
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com