Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 22Page - STMicroelectronics STM32MP151A Datasheet HTML 23Page - STMicroelectronics STM32MP151A Datasheet HTML 24Page - STMicroelectronics STM32MP151A Datasheet HTML 25Page - STMicroelectronics STM32MP151A Datasheet HTML 26Page - STMicroelectronics STM32MP151A Datasheet HTML 27Page - STMicroelectronics STM32MP151A Datasheet HTML 28Page - STMicroelectronics STM32MP151A Datasheet HTML 29Page - STMicroelectronics STM32MP151A Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 253 page
background image
Functional overview
STM32MP151A/D
26/253
DS12500 Rev 3
3.6
Boot modes
At startup, the boot source used by the internal BootROM is selected by the BOOT pin and
OTP bytes.
Table 2. Boot modes
BOOT2 BOOT1 BOOT0
Initial boot mode
Comments
0
0
0
UART and USB(1)
Wait incoming connection on:
– USART2/3/6 and UART4/5/7/8 on default pins
– USB high-speed device(2)
0
0
1
Serial NOR Flash(3)
Serial NOR Flash on QUADSPI(4)
01
0
e•MMC(3)
e•MMC on SDMMC2 (default)(4)(5)
01
1
NAND Flash(3)
SLC NAND Flash on FMC
1
0
0
Reserved (NoBoot)
Used to get debug access without boot from Flash memory
10
1
SD card(3)
SD card on SDMMC1 (default)(4)(5)
1
1
0
UART and USB(1)(3)
Wait incoming connection on:
– USART2/3/6 and UART4/5/7/8 on default pins
– USB high-speed device on OTG_HS_DP/DM pins(2)
1
1
1
Serial NAND Flash(3)
Serial NAND Flash on QUADSPI(4)
1. can be disabled by OTP settings.
2. USB requires 24 MHz HSE clock/crystal if OTP is not programmed for different frequency.
3. Boot source can be changed by OTP settings (e.g. initial boot on SD card, then e•MMC with OTP settings).
4. Default pins can be altered by OTP.
5. Alternatively, another SDMMC1 or SDMMC2 interface than this default can be selected by OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com