Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 65Page - STMicroelectronics STM32MP151A Datasheet HTML 66Page - STMicroelectronics STM32MP151A Datasheet HTML 67Page - STMicroelectronics STM32MP151A Datasheet HTML 68Page - STMicroelectronics STM32MP151A Datasheet HTML 69Page - STMicroelectronics STM32MP151A Datasheet HTML 70Page - STMicroelectronics STM32MP151A Datasheet HTML 71Page - STMicroelectronics STM32MP151A Datasheet HTML 72Page - STMicroelectronics STM32MP151A Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 253 page
background image
DS12500 Rev 3
69/253
STM32MP151A/D
Pinouts, pin description and alternate functions
118
-
-
AA3
Y6
PH3
I/O
FT_h
-
DFSDM1_CKIN4,
QUADSPI_BK2_IO1,
SAI2_MCLK_B,
ETH1_GMII_COL/
ETH1_MII_COL, LCD_R1,
EVENTOUT
-
U2
W3
AB6
AB5
PB0
I/O
FT_a
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N, DFSDM1_CKOUT,
UART4_CTS, LCD_R3,
ETH1_GMII_RXD2/
ETH1_MII_RXD2/
ETH1_RGMII_RXD2,
MDIOS_MDIO, LCD_G1,
EVENTOUT
ADC1_INP9,
ADC1_INN5,
ADC2_INP9,
ADC2_INN5
-
-
Y4
W6
PF15
I/O
FT_fh
-
TRACED7, I2C4_SDA,
I2C1_SDA, ETH1_GMII_RXD7,
FMC_A9, EVENTOUT
-
U1
V3
AA7
AA5
PB1
I/O
FT_a
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N, DFSDM1_DATIN1,
LCD_R6, ETH1_GMII_RXD3/
ETH1_MII_RXD3/
ETH1_RGMII_RXD3,
MDIOS_MDC, LCD_G0,
EVENTOUT
ADC1_INP5,
ADC2_INP5
-
E6
-
F6
VSS
S
-
-
-
-
-
-
AC4
V7
PF14
I/O
FT_fha -
TRACED6, DFSDM1_CKIN6,
I2C4_SCL, I2C1_SCL,
ETH1_GMII_RXD6, FMC_A8,
EVENTOUT
ADC2_INP6,
ADC2_INN2
-
-
Y5
W7
PF13
I/O
FT_ha
-
TRACED5, DFSDM1_DATIN6,
I2C4_SMBA, I2C1_SMBA,
DFSDM1_DATIN3,
ETH1_GMII_RXD5, FMC_A7,
EVENTOUT
ADC2_INP2
-
-
AB4
AB7
PH2
I/O
FT_h
-
LPTIM1_IN2,
QUADSPI_BK2_IO0,
SAI2_SCK_B, ETH1_GMII_CRS/
ETH1_MII_CRS, LCD_R0,
EVENTOUT
-
V1
V4
AB7
AA6
PC5
I/O
FT_a
-
SAI1_D3, DFSDM1_DATIN2,
SAI4_D4, SAI1_D4,
SPDIFRX_IN4,
ETH1_GMII_RXD1/
ETH1_MII_RXD1/
ETH1_RGMII_RXD1/
ETH1_RMII_RXD1, SAI4_D3,
EVENTOUT
ADC1_INP8,
ADC1_INN4,
ADC2_INP8,
ADC2_INN4
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com