Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 67Page - STMicroelectronics STM32MP151A Datasheet HTML 68Page - STMicroelectronics STM32MP151A Datasheet HTML 69Page - STMicroelectronics STM32MP151A Datasheet HTML 70Page - STMicroelectronics STM32MP151A Datasheet HTML 71Page - STMicroelectronics STM32MP151A Datasheet HTML 72Page - STMicroelectronics STM32MP151A Datasheet HTML 73Page - STMicroelectronics STM32MP151A Datasheet HTML 74Page - STMicroelectronics STM32MP151A Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 253 page
background image
DS12500 Rev 3
71/253
STM32MP151A/D
Pinouts, pin description and alternate functions
118
U5
W5
Y3
V9
PB10
I/O
FT_fha -
TIM2_CH3, LPTIM2_IN1,
I2C2_SCL, SPI2_SCK/I2S2_CK,
DFSDM1_DATIN7, USART3_TX,
QUADSPI_BK1_NCS,
ETH1_GMII_RX_ER/
ETH1_MII_RX_ER, LCD_G4,
EVENTOUT
-
-
-
1B5
-
VDDCORE
S
-
-
-
-
V3
V5
AC5
AA7
PB12
I/O
FT_ae
-
TIM1_BKIN, I2C6_SMBA,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
DFSDM1_DATIN1, USART3_CK,
USART3_RX, ETH1_GMII_TXD0/
ETH1_MII_TXD0/
ETH1_RGMII_TXD0/
ETH1_RMII_TXD0, UART5_RX,
EVENTOUT
-
-
G5
-
J14
VDDCORE
S
-
-
-
-
1J2
T9
AA10
V10
PB13
I/O
FT_e
-
TIM1_CH1N, DFSDM1_CKOUT,
LPTIM2_OUT,
SPI2_SCK/I2S2_CK,
DFSDM1_CKIN1,
USART3_CTS/USART3_NSS,
ETH1_GMII_TXD1/
ETH1_MII_TXD1/
ETH1_RGMII_TXD1/
ETH1_RMII_TXD1, UART5_TX,
EVENTOUT
-
-
E14
V21
F20
VSS
S
-
-
-
-
V5
T8
Y8
AA8
PB5
I/O
FT_e
-
ETH_CLK, TIM17_BKIN,
TIM3_CH2, SAI4_D1,
I2C1_SMBA,
SPI1_MOSI/I2S1_SDO,
I2C4_SMBA,
SPI3_MOSI/I2S3_SDO,
SPI6_MOSI, SAI4_SD_A,
ETH1_PPS_OUT, UART5_RX,
DCMI_D10, LCD_G7,
EVENTOUT
-
U6
V6
Y7
U11
PG11
I/O
FT_e
-
TRACED11, USART1_TX,
UART4_TX, SPDIFRX_IN1,
ETH1_GMII_TX_EN/
ETH1_MII_TX_EN/
ETH1_RGMII_TX_CTL/
ETH1_RMII_TX_EN, DCMI_D3,
LCD_B3, EVENTOUT
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com