Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 50Page - STMicroelectronics STM32MP151A Datasheet HTML 51Page - STMicroelectronics STM32MP151A Datasheet HTML 52Page - STMicroelectronics STM32MP151A Datasheet HTML 53Page - STMicroelectronics STM32MP151A Datasheet HTML 54Page - STMicroelectronics STM32MP151A Datasheet HTML 55Page - STMicroelectronics STM32MP151A Datasheet HTML 56Page - STMicroelectronics STM32MP151A Datasheet HTML 57Page - STMicroelectronics STM32MP151A Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 253 page
background image
Functional overview
STM32MP151A/D
54/253
DS12500 Rev 3
3.46
Gigabit Ethernet MAC interface (ETH1)
The devices provide an IEEE-802.3-2002-compliant gigabit media access controller
(GMAC) for Ethernet LAN communications through an industry-standard medium-
independent interface (MII), a reduced medium-independent interface (RMII), a gigabit
medium-independent interface (GMII) or a reduced gigabit medium-independent interface
(RGMII).
The STM32MP151A/D requires an external physical interface device (PHY) to connect to
the physical LAN bus (twisted-pair, fiber, etc.). The PHY is connected to the device port
using 17 signals for MII, 7 signals for RMII, 26 signals for GMII or 13 signals for RGMII, and
can be clocked using the 25 MHz (MII, RMII, GMII, RGMII) or 125 MHz (GMII, RGMII) from
the STM32MP151A/D or from the PHY.
The devices include the following features:
•
Operation modes and PHY interfaces
–
10, 100, and 1000 Mbps data transfer rates
–
Support of both full-duplex and half-duplex operations
–
MII, RMII, GMII and RGMII PHY interfaces
•
Multiple queues support and audio video bridging (AVB) management
–
Separate channels or queues for AV data transfer in 100 and 1000 Mbps modes
–
Two queues on the Rx paths and two queues on the Tx path for AV traffic
–
One DMA for Rx path and two DMA for Tx path (one per transmit channels)
–
Several arbitration algorithms between queues: weighted round robin (WRR),
strict priority (SP), weighted strict priority (WSP), IEEE 802.1-Qav specified credit-
based shaper (CBS) algorithm for Transmit channels
•
Processing control
–
Multi-layer Packet filtering: MAC filtering on source (SA) and destination (DA)
address with perfect and hash filter, VLAN tag-based filtering with perfect and
hash filter, Layer 3 filtering on IP source (SA) or destination (DA) address, Layer 4
filtering on source (SP) or destination (DP) port
–
Double VLAN processing: insertion of up to two VLAN tags in transmit path, tag
filtering in receive path
–
IEEE 1588-2008/PTPv2 support
–
Supports network statistics with RMON/MIB counters (RFC2819/RFC2665)
•
Hardware offload processing
–
Preamble and start-of-frame data (SFD) insertion or deletion
–
Integrity Checksum offload engine for IP header and TCP/UDP/ICMP payload:
transmit checksum calculation and insertion, receive checksum calculation and
comparison
–
Automatic ARP request response with the device's MAC address
–
TCP Segmentation: Automatic split of large transmit TCP packet into multiple
small packets
•
Low-power mode
–
Energy efficient Ethernet (Standard IEEE 802.3az-2010)
–
Remote wakeup packet and AMD Magic Packet™ detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com