Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 78Page - STMicroelectronics STM32MP151A Datasheet HTML 79Page - STMicroelectronics STM32MP151A Datasheet HTML 80Page - STMicroelectronics STM32MP151A Datasheet HTML 81Page - STMicroelectronics STM32MP151A Datasheet HTML 82Page - STMicroelectronics STM32MP151A Datasheet HTML 83Page - STMicroelectronics STM32MP151A Datasheet HTML 84Page - STMicroelectronics STM32MP151A Datasheet HTML 85Page - STMicroelectronics STM32MP151A Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151A/D
82/253
DS12500 Rev 3
C11 A11
D16
D15
PC11
I/O
FT_ha
-
TRACED3, DFSDM1_DATIN5,
SPI3_MISO/I2S3_SDI,
USART3_RX, UART4_RX,
QUADSPI_BK2_NCS,
SAI4_SCK_B, SDMMC1_D3,
DCMI_D4, EVENTOUT
-
-
K10
-
-
VDDCORE
S
-
-
-
-
A10 B11
D19
F15
PE4
I/O
FT_h
-
TRACED1, SAI1_D2,
DFSDM1_DATIN3, TIM15_CH1N,
SPI4_NSS, SAI1_FS_A,
SDMMC2_CKIN,
SDMMC1_CKIN, SDMMC2_D4,
SDMMC1_D4, FMC_A20,
DCMI_D4, LCD_B0, EVENTOUT
-
-
-
-
M13
VDDCORE
S
-
-
-
-
A9
C11
D18
E14
PC8
I/O
FT_ha
-
TRACED0, TIM3_CH3,
TIM8_CH3, UART4_TX,
USART6_CK,
UART5_RTS/UART5_DE,
SDMMC1_D0, DCMI_D2,
EVENTOUT
-
-
P11
1F8
U20
VSS
S
-
-
-
-
B10 D11
D15
F14
PC10
I/O
FT_ha
-
TRACED2, DFSDM1_CKIN5,
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
QUADSPI_BK1_IO1,
SAI4_MCLK_B, SDMMC1_D2,
DCMI_D8, LCD_R2, EVENTOUT
-
1D7 K12
1E4
-
VDDCORE
S
-
-
-
-
B6
B9
B13
C13
PB4
I/O
FT_ha
-
TRACED8, TIM16_BKIN,
TIM3_CH1, SAI4_CK2,
SPI1_MISO/I2S1_SDI,
SPI3_MISO/I2S3_SDI,
SPI2_NSS/I2S2_WS,
SPI6_MISO, SDMMC2_D3,
SAI4_SCK_A, UART7_TX,
EVENTOUT
-
B9
A10
D17
D14
PC9
I/O
FT_fh
-
TRACED1, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN, UART5_CTS,
QUADSPI_BK1_IO0,
SDMMC1_D1, DCMI_D3,
LCD_B2, EVENTOUT
-
G17 P13
1G3
V5
VSS
S
-
-
-
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com