Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 23Page - STMicroelectronics STM32MP151A Datasheet HTML 24Page - STMicroelectronics STM32MP151A Datasheet HTML 25Page - STMicroelectronics STM32MP151A Datasheet HTML 26Page - STMicroelectronics STM32MP151A Datasheet HTML 27Page - STMicroelectronics STM32MP151A Datasheet HTML 28Page - STMicroelectronics STM32MP151A Datasheet HTML 29Page - STMicroelectronics STM32MP151A Datasheet HTML 30Page - STMicroelectronics STM32MP151A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 253 page
background image
DS12500 Rev 3
27/253
STM32MP151A/D
Functional overview
55
3.7
Power supply management
3.7.1
Power supply scheme
•
The VDD is the main supply for I/Os and internal part kept powered during Standby
mode. Useful voltage range is 1.71 V to 3.6 V (e.g. 1.8 V, 2.5 V, 3.0 V or 3.3 V typ.)
–VDD_PLL and VDD_ANA must be star-connected to VDD.
•
The VDDCORE is the main digital voltage and is usually shutdown during Standby mode.
Voltage range during Run mode is 1.18 V to 1.25/1.38 V (1.2/1.34 V typ.), see
Table 13: General operating conditions.
•
The VBAT pin can be connected to the external battery (1.2 V < VBAT < 3.6 V). If no
external battery is used, it is mandatory to connect this pin to VDD.
•
The VDDA pin is the analog (ADC/DAC/VREF), supply voltage range is 1.71 V to 3.6 V.
DAC can only be used when VDDA is above or equal 1.8 V. Using Internal VREF+
requires VDDA equal to or higher than VREF+ + 0.3 V.
•
The VDDA1V8_REG pin is the output of internal regulator and connected internally to
USB PHY and USB PLL. Internal VDDA1V8_REG regulator is enabled by default and can
be controlled by software. It is always shut down during Standby mode.
There is specific BYPASS_REG1V8 pin that must be connected either to VSS or VDD to
activate or deactivate the voltage regulator. It is mandatory to bypass the 1.8 V
regulator when VDD is below 2.25 V (BYPASS_REG1V8 = VDD). In that case,
VDDA1V8_REG pin must be connected to VDD (if below 1.98 V) or to a dedicated
1.65 V - 1.98 V supply (1.8 V typ.).
•
•
VDDA1V1_REG pin is the output of internal regulator connected internally to USB PHY.
Internal VDDA1V1_REG regulator is enabled by default and can be controlled by
software. It is always shut down during Standby mode.
•
VDD3V3_USBHS and VDD3V3_USBFS are respectively the USB high-speed and full-speed
PHY supply. Voltage range is 3.07 V to 3.6 V. VDD3V3_USBFS is used to supply
OTG_VBUS and ID pins. So, VDD3V3_USBFS must be supplied as well when USB high-
speed OTG device is used. If not used, must be connected to VDD.
Caution:
VDD3V3_USBHS must not be present unless VDDA1V8_REG is present, otherwise permanent
STM32MP151A/D damage could occur. Must be ensured by PMIC ranking order or with
external component in case of discrete component power supply implementation.
•
VDDQ_DDR is the DDR IO supply.
–
Voltage range is 1.425 V to 1.575 V for interfacing DDR3 memories (1.5 V typ.).
–
Voltage range is 1.283 V to 1.45 V for interfacing DDR3L memories (1.35 V typ.).
–
Voltage range is 1.14 V to 1.3 V for interfacing LPDDR2 or LPDDR3 memories
(1.2 V typ.).
During power-up and power-down phases, the following power sequence requirements
must be respected:
• When VDD is below 1 V, other power supplies (VDDCORE, VDDA, VDDA1V8_REG,
VDDA1V1_REG, VDD3V3_USBHS/FS, VDDQ_DDR) must remain below VDD + 300 mV.
• When VDD is above 1 V, all power supplies are independent.
During the power-down phase, VDD can temporarily become lower than other supplies only
if the energy provided to the STM32MP151A/D device remains below 1 mJ; this allows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com