Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 2 Page - STMicroelectronics

  STM32MP151A Datasheet HTML 1Page - STMicroelectronics STM32MP151A Datasheet HTML 2Page - STMicroelectronics STM32MP151A Datasheet HTML 3Page - STMicroelectronics STM32MP151A Datasheet HTML 4Page - STMicroelectronics STM32MP151A Datasheet HTML 5Page - STMicroelectronics STM32MP151A Datasheet HTML 6Page - STMicroelectronics STM32MP151A Datasheet HTML 7Page - STMicroelectronics STM32MP151A Datasheet HTML 8Page - STMicroelectronics STM32MP151A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 253 page
background image
STM32MP151A/D
2/253
DS12500 Rev 3
• 2 × dual-port DMAs with FIFO and request
router capabilities for optimal peripheral
management
Up to 35 communication peripherals
• 6 × I2C FM+ (1 Mbit/s, SMBus/PMBus)
• 4 × UART + 4 × USART (12.5 Mbit/s, ISO7816
interface, LIN, IrDA, SPI slave)
• 6 × SPI (50 Mbit/s, including 3 with full duplex
I2S audio class accuracy via internal audio PLL
or external clock)
• 4 × SAI (stereo audio: I2S, PDM, SPDIF Tx)
• SPDIF Rx with 4 inputs
• HDMI-CEC interface
• MDIO Slave interface
• 3 × SDMMC up to 8-bit (SD / e•MMC™ / SDIO)
• 2 × USB 2.0 high-speed Host
+ 1 × USB 2.0 full-speed OTG simultaneously
– or 1 × USB 2.0 high-speed Host
+ 1 × USB 2.0 high-speed OTG
simultaneously
• 10/100M or Gigabit Ethernet GMAC
– IEEE 1588v2 hardware,
MII/RMII/GMII/RGMII
• 8- to 14-bit camera interface up to 140 Mbyte/s
6 analog peripherals
• 2 × ADCs with 16-bit max. resolution (12 bits
up to 4.5 Msps, 14 bits up to 4 Msps, 16 bits up
to 3.6 Msps)
• 1 × temperature sensor
• 2 × 12-bit D/A converters (1 MHz)
• 1 × digital filters for sigma delta modulator
(DFSDM) with 8 channels/6 filters
• Internal or external ADC/DAC reference VREF+
Graphics
• LCD-TFT controller, up to 24-bit // RGB888
– up to WXGA (1366 × 768) @60 fps
– Two layers with programmable colour LUT
Up to 25 timers and 3 watchdogs
• 2 × 32-bit timers with up to 4 IC/OC/PWM or
pulse counter and quadrature (incremental)
encoder input
• 2 × 16-bit advanced motor control timers
• 10 × 16-bit general-purpose timers (including 2
basic timers without PWM)
• 5 × 16-bit low-power timers
• RTC with sub-second accuracy and hardware
calendar
• 4 Cortex®-A7 system timers (secure, non-
secure, virtual, hypervisor)
• 1 × SysTick M4 timer
• 3 × watchdogs (2 × independent and window)
Hardware acceleration
• HASH (MD5, SHA-1, SHA224, SHA256),
HMAC
• 2 × true random number generator
(3 oscillators each)
• 2 × CRC calculation unit
Debug mode
• Arm® CoreSight™ trace and debug: SWD and
JTAG interfaces
• 8-Kbyte embedded trace buffer
3072-bit fuses including 96-bit unique ID,
up to 1184-bit available for user
All packages are ECOPACK2 compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com