Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 57Page - STMicroelectronics STM32MP151A Datasheet HTML 58Page - STMicroelectronics STM32MP151A Datasheet HTML 59Page - STMicroelectronics STM32MP151A Datasheet HTML 60Page - STMicroelectronics STM32MP151A Datasheet HTML 61Page - STMicroelectronics STM32MP151A Datasheet HTML 62Page - STMicroelectronics STM32MP151A Datasheet HTML 63Page - STMicroelectronics STM32MP151A Datasheet HTML 64Page - STMicroelectronics STM32MP151A Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 253 page
background image
DS12500 Rev 3
61/253
STM32MP151A/D
Pinouts, pin description and alternate functions
118
Table 7. STM32MP151A/D pin and ball definitions
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions
-
-
A2
A2
PH5
I/O
FT_f
-
I2C2_SDA, SPI5_NSS,
SAI4_SD_B, EVENTOUT
-
-
-
C2
B1
PH10
I/O
FT
-
TIM5_CH1, I2C4_SMBA,
I2C1_SMBA, DCMI_D1, LCD_R4,
EVENTOUT
-
-
-
B2
F5
PH12
I/O
FT_f
-
HDP2, TIM5_CH3, I2C4_SDA,
I2C1_SDA, DCMI_D3, LCD_R6,
EVENTOUT
-
-
-
D1
D3
PH13
I/O
FT
-
TIM8_CH1N, UART4_TX,
LCD_G2, EVENTOUT
-
1E2
K6
1F3
M9
VDD
S
-
-
-
-
A1
A1
A1
A1
VSS
S
-
-
-
-
-
-
C3
C2
PH14
I/O
FT
-
TIM8_CH2N, UART4_RX,
DCMI_D4, LCD_G3, EVENTOUT
-
-
-
B1
C1
PH15
I/O
FT
-
TIM8_CH3N, DCMI_D11,
LCD_G4, EVENTOUT
-
-
-
-
H6
PJ8
I/O
FT_h
-
TRACED14, TIM1_CH3N,
TIM8_CH1, UART8_TX,
LCD_G1, EVENTOUT
-
-
-
-
D2
PI14
I/O
FT_h
-
TRACECLK, LCD_CLK,
EVENTOUT
-
-
-
-
F3
PI15
I/O
FT
-
LCD_G2, LCD_R0, EVENTOUT
-
-
-
C1
D1
PI0
I/O
FT
-
TIM5_CH4, SPI2_NSS/I2S2_WS,
DCMI_D13, LCD_G5,
EVENTOUT
-
-
-
E3
E2
PI1
I/O
FT_h
-
TIM8_BKIN2,
SPI2_SCK/I2S2_CK, DCMI_D8,
LCD_G6, EVENTOUT
-
-
-
E2
E1
PI2
I/O
FT_h
-
TIM8_CH4,
SPI2_MISO/I2S2_SDI, DCMI_D9,
LCD_G7, EVENTOUT
-
1B3
E7
1A2
H9
VDDCORE
S
-
-
-
-
-
-
E1
E3
PI3
I/O
FT_h
-
TIM8_ETR,
SPI2_MOSI/I2S2_SDO,
DCMI_D10, EVENTOUT
-
-
-
E4
J6
PI4
I/O
FT
-
TIM8_BKIN, SAI2_MCLK_A,
DCMI_D5, LCD_B4, EVENTOUT
-
-
-
F3
F2
PI5
I/O
FT
-
TIM8_CH1, SAI2_SCK_A,
DCMI_VSYNC, LCD_B5,
EVENTOUT
-
-
-
F4
G5
PI6
I/O
FT
-
TIM8_CH2, SAI2_SD_A,
DCMI_D6, LCD_B6, EVENTOUT
-
-
-
F2
F1
PI7
I/O
FT
-
TIM8_CH3, SAI2_FS_A,
DCMI_D7, LCD_B7, EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com