Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 38Page - STMicroelectronics STM32MP151A Datasheet HTML 39Page - STMicroelectronics STM32MP151A Datasheet HTML 40Page - STMicroelectronics STM32MP151A Datasheet HTML 41Page - STMicroelectronics STM32MP151A Datasheet HTML 42Page - STMicroelectronics STM32MP151A Datasheet HTML 43Page - STMicroelectronics STM32MP151A Datasheet HTML 44Page - STMicroelectronics STM32MP151A Datasheet HTML 45Page - STMicroelectronics STM32MP151A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 253 page
background image
Functional overview
STM32MP151A/D
42/253
DS12500 Rev 3
3.32
Boot and security and OTP control (BSEC)
The BSEC (boot and security and OTP control) is intended to control an OTP (one time
programmable) fuse box, used for embedded non-volatile storage for device configuration
and security parameters. Some part of BSEC should be configured as accessible by secure
software only.
3.33
Timers and watchdogs
The devices include two advanced-control timers, ten general-purpose timers, two basic
timers, five low-power timers, three watchdogs, a SysTick timer in Cortex-M4 and 4 system
timers in Cortex-A7.
All timer counters can be frozen in debug mode.
Table 4 compares the features of the advanced-control, general-purpose, basic and low-
power timers.
Table 4. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Comple-
mentary
output
Max
interface
clock
(MHz)
Max
timer
clock
(MHz)(1)
Advanced
-control
TIM1,
TIM8
16-bit
Up,
down,
up/down
Any integer
between 1
and 65536
Yes
4
Yes
104.5
209
General
purpose
TIM2,
TIM5
32-bit
Up,
down,
up/down
Any integer
between 1
and 65536
Yes
4
No
104.5
209
TIM3,
TIM4
16-bit
Up,
down,
up/down
Any integer
between 1
and 65536
Yes
4
No
104.5
209
TIM12
16-bit
Up
Any integer
between 1
and 65536
No
2
No
104.5
209
TIM13,
TIM14
16-bit
Up
Any integer
between 1
and 65536
No
1
No
104.5
209
TIM15
16-bit
Up
Any integer
between 1
and 65536
Yes
2
1
104.5
209
TIM16,
TIM17
16-bit
Up
Any integer
between 1
and 65536
Yes
1
1
104.5
209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com