Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 26Page - STMicroelectronics STM32MP151A Datasheet HTML 27Page - STMicroelectronics STM32MP151A Datasheet HTML 28Page - STMicroelectronics STM32MP151A Datasheet HTML 29Page - STMicroelectronics STM32MP151A Datasheet HTML 30Page - STMicroelectronics STM32MP151A Datasheet HTML 31Page - STMicroelectronics STM32MP151A Datasheet HTML 32Page - STMicroelectronics STM32MP151A Datasheet HTML 33Page - STMicroelectronics STM32MP151A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 253 page
background image
Functional overview
STM32MP151A/D
30/253
DS12500 Rev 3
3.9
Reset and clock controller (RCC)
The clock and reset controller manages the generation of all the clocks, as well as the clock
gating and the control of the system and peripheral resets. It provides a high flexibility in the
choice of clock sources and allows application of clock ratios to improve the power
consumption. In addition, on some communication peripherals that are capable to work with
two different clock domains (either a bus interface clock or a kernel peripheral clock), the
system frequency can be changed without modifying the baudrate.
3.9.1
Clock management
The devices embed four internal oscillators, two oscillators with external crystal or
resonator, three internal oscillators with fast startup time and four PLLs.
The RCC receives the following clock source inputs:
•
Internal oscillators:
–
64 MHz HSI clock (1% accuracy)
–
4 MHz CSI clock
–
32 kHz LSI clock
•
External oscillators:
–
8-48 MHz HSE clock
–
32.768 kHz LSE clock
The RCC provides four PLLs:
•
The PLL1 is dedicated to the MPU clocking
•
The PLL2 provides:
–
The clocks for the AXI-SS (including APB4, APB5, AHB5 and AHB6 bridges)
–
The clocks for the DDR interface
•
The PLL3 provides:
–
The clocks for the MCU, and its bus matrix (including the APB1, APB2, APB3,
AHB1, AHB2, AHB3 and AHB4)
–
The kernel clocks for peripherals
•
The PLL4 is dedicated to the generation of the kernel clocks for various peripherals
The system starts on the HSI clock. The user application can then select the clock
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com