Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 77Page - STMicroelectronics STM32MP151A Datasheet HTML 78Page - STMicroelectronics STM32MP151A Datasheet HTML 79Page - STMicroelectronics STM32MP151A Datasheet HTML 80Page - STMicroelectronics STM32MP151A Datasheet HTML 81Page - STMicroelectronics STM32MP151A Datasheet HTML 82Page - STMicroelectronics STM32MP151A Datasheet HTML 83Page - STMicroelectronics STM32MP151A Datasheet HTML 84Page - STMicroelectronics STM32MP151A Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 253 page
background image
DS12500 Rev 3
81/253
STM32MP151A/D
Pinouts, pin description and alternate functions
118
-
P7
1F6
-
VSS
S
-
-
-
-
-
-
-
M11
VDDCORE
S
-
-
-
-
C15 D15
C20
E17
JTMS-SWDIO
I/O
FTU
-
-
-
A16 D16
B20
D17
JTCK-SWCLK
I
FTD
-
-
-
A15 D14
A19
E16
JTDO-
TRACESWO
OFTU
-
-
-
B15 D13
A20
D16
JTDI
I
FTU
-
-
-
1G6
K8
1E2
-
VDDCORE
S
-
-
-
-
B14 D12
B19
E15
NJTRST
I
FTU
-
-
-
-
G13
-
D18
VDD_PLL2
S
-
-
-
-
-
F13
-
D19
VSS_PLL2
S
-
-
-
-
1B6 B12
C14
B14
VDDA1V8_Un
used
S-
-
-
-
-
C12
C16
C14
VSS
S
-
-
-
-
-
C13
-
C15
VSS
S
-
-
-
-
A13 B15
B17
B17
DNU
DNU
-
-
-
-
B13 A15
A17
A17
DNU
DNU
-
-
-
-
1B7 A16
C17
A18
VDD1V2_Unus
ed
S-
-
-
-
B12 A14
A16
A16
DNU
DNU
-
-
-
-
A12 B14
B16
B16
DNU
DNU
-
-
-
-
-
C14
-
C16
VSS
S
-
-
-
-
-
C15
-
C17
VSS
S
-
-
-
-
-
C16
-
C18
VSS
S
-
-
-
-
B11 B13
C15
B15
DNU
DNU
-
-
-
-
C12 A13
B15
A15
DNU
DNU
-
-
-
-
-P8
-
T13
VDD
S
-
-
-
-
C13 A12
B18
A14
VDD_Unused
S
-
-
-
-
1A7 B16
C18
B18
VDD1V2_Unus
ed
S-
-
-
-
D17
P9
-
U17
VSS
S
-
-
-
-
Table 7. STM32MP151A/D pin and ball definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com