Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 15Page - STMicroelectronics STM32MP151A Datasheet HTML 16Page - STMicroelectronics STM32MP151A Datasheet HTML 17Page - STMicroelectronics STM32MP151A Datasheet HTML 18Page - STMicroelectronics STM32MP151A Datasheet HTML 19Page - STMicroelectronics STM32MP151A Datasheet HTML 20Page - STMicroelectronics STM32MP151A Datasheet HTML 21Page - STMicroelectronics STM32MP151A Datasheet HTML 22Page - STMicroelectronics STM32MP151A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 253 page
background image
DS12500 Rev 3
19/253
STM32MP151A/D
Description
55
Figure 1. STM32MP151A/D block diagram
MSv47452V5
@VDDA
@VDDA
OTP Fuses
T
T
T
T
T
SYSRAM 256KB
ROM 128KB
TIM3
ADC1
ADC2
64 bits
32 bits
32 bits
AXI
AHB
APB
64bits
AXI master
T
TrustZone
® security protection
@VDD
Voltage Regulators
@VDD_ANA
Supply Supervision
32 bits
AHB master
BKPSRAM 4KB
STM
RETSRAM 64KB
DTS
(Digital temperature sensor)
RCC
RNG2
DCMI
(Camera I/F)
MDIOS
CRC2
HSEM
PWR
SDMMC3
OTG
(HS/FS)
HASH2
T
USBPHYC
(USB 2 x PHY control)
16b
16b
GPIOA
GPIOB
GPIOC
GPIOD
GPIOE
GPIOF
GPIOG
GPIOH
GPIOI
GPIOJ
GPIOK
16b
16b
16b
16b
16b
16b
16b
16b
16b
16b
8b
SRAM1 128KB
SRAM2 128KB
SRAM3/SRAM4 64K/64K
DMA1
8 Streams
DMA2
8 Streams
17
4
20
14
9
16
16
16
16
16
16
16
16
16
16
8
5
TIM4
16b
5
TIM6
16b
TIM7
16b
TIM12
16b
2
TIM13
16b
1
TIM14
16b
1
TIM2
32b
5
TIM5
32b
5
LPTIM1
16b
4
2
USART2
Smartcard
IrDA
5
USART3
Smartcard
IrDA
5
PLLUSB
5
4b
10
I2C4 / SMBUS
SPI6
USART1
IWDG1
BSEC
ETZPC
3
4
5
Smartcard
IrDA
RTC / AWU
LSE (32kHz XTAL)
TAMP / Backup Regs
T
2
2
3
RNG1
HASH1
CRC1
T
T
LTDC
(LCD)
SDMMC1
31
29
14
SDMMC2
14
8b
8b
MDMA
32 Channels
T
QUADSPI (dual)
DDRCTRL
LPDDR2/3
DDR3/3L
FMC
37
13
77
GPIOZ
8b
8
16b
AHB2APB
Trace port
24b
8b
AHB2APB
2x2
Matrix
AHB2APB
IC Supplies
16b
DLYBSD1
(SDMMC1 DLY control)
DLYBSD2
(SDMMC2 DLY control)
DLYBSD3
(SDMMC3 DLY control)
async
DLYBQS
(QUADSPI DLY control)
17
16b
14b
DMAMUX1
DDRPHYC
T
Sys. Timing
GENeration
debug TimeStamp
GENerator TSGEN
(R)(G)MII
T
IWDG2
T
I2C6 / SMBUS
3
USBH
(2 x HS Host)
2
2
STGENC
STGENR
EXTI
176
16ext
T
T
T
SYSCFG
VREFBUF
TIM1 / PWM
TIM8 / PWM
10
10
16b
16b
TIM15
4
16b
TIM16
16b
TIM17
16b
3
3
1
LPTIM2
16b
4
LPTIM3
16b
1
LPTIM4
16b
1
LPTIM5
16b
1
SAI4
13
3
HDP
8
8b
SAI1
13
SAI2
8
SAI3
8
UART4
4
UART5
4
UART7
4
UART8
4
DAC1
DAC2
12b
12b
1
1
I2C1 / SMBUS
3
I2C2 / SMBUS
3
I2C3 / SMBUS
3
I2C5 / SMBUS
3
CEC (HDMI-CEC)
SPDIFRX
1
4
SPI2 / I2S2
SPI3 / I2S3
5
5
SPI4
4
SPI5
4
USART6
5
Smartcard
IrDA
SPI1 / I2S1
5
WWDG1
4ch
DFSDM1
17
8ch
AHB2APB
BOOT
pins
T
T
T
128 bits
CNT (Timer)
T
ETM
T
Cortex-A7 CPU
650/800
(1) MHz + MMU +
FPU + NEON
T
32K I$
32K D$
T
ETH1 GMAC
10/100/1000
DAP
(JTAG / SWD)
T
T
DDRPERFM
T
APB2 (104.5 MHz)
GIC
T
I-Bus
D-Bus
S-Bus
SYSTICK
NVIC
Cortex-M4 CPU 209 MHz
+ MPU + FPU
@VDD_ANA
@VDD_PLL
PLL1/2/3/4
@VDD
HSE (XTAL)
HSI
CSI
LSI
2
1. STM32MP151A: 650 MHz, STM32MP151D: 800 MHz
IPCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com