Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 173Page - STMicroelectronics STM32MP151A Datasheet HTML 174Page - STMicroelectronics STM32MP151A Datasheet HTML 175Page - STMicroelectronics STM32MP151A Datasheet HTML 176Page - STMicroelectronics STM32MP151A Datasheet HTML 177Page - STMicroelectronics STM32MP151A Datasheet HTML 178Page - STMicroelectronics STM32MP151A Datasheet HTML 179Page - STMicroelectronics STM32MP151A Datasheet HTML 180Page - STMicroelectronics STM32MP151A Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 253 page
background image
DS12500 Rev 3
177/253
STM32MP151A/D
Electrical characteristics
232
Synchronous waveforms and timings
Figure 29 through Figure 32 represent synchronous waveforms and Table 65 through
Table 68 provide the corresponding timings. The results shown in these tables are obtained
with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Table 63. Asynchronous multiplexed PSRAM/NOR write timings(1)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
5Tfmc_ker_ck-0.5
5Tfmc_ker_ck+1
ns
tv(NWE_NE)
FMC_NEx low to FMC_NWE low
Tfmc_ker_ck-0.5
Tfmc_ker_ck+1
tw(NWE)
FMC_NWE low time
2Tfmc_ker_ck-1
2Tfmc_ker_ck+0.5
th(NE_NWE)
FMC_NWE high to FMC_NE high hold time
2Tfmc_ker_ck-0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0.5
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
1
tw(NADV)
FMC_NADV low time
Tfmc_ker_ck+0.5
Tfmc_ker_ck+1
th(AD_NADV) FMC_AD(address) valid hold time after FMC_NADV high Tfmc_ker_ck+0.5
-
th(A_NWE)
Address hold time after FMC_NWE high
Address held
until next write
operation
-
th(BL_NWE)
FMC_BL hold time after FMC_NWE high
3Tfmc_ker_ck+0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0.5
tv(Data_NADV) FMC_NADV high to Data valid
-
Tfmc_ker_ck+4
th(Data_NWE) Data hold time after FMC_NWE high
3Tfmc_ker_ck+0.5
-
1. Guaranteed by characterization results.
Table 64. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9Tfmc_ker_ck-0.5
9Tfmc_ker_ck+0.5
ns
tw(NWE)
FMC_NWE low time
6Tfmc_ker_ck-0.5
6Tfmc_ker_ck+1
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
8Tfmc_ker_ck+4
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
6Tfmc_ker_ck
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com