Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 214 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 214 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 210Page - STMicroelectronics STM32MP151A Datasheet HTML 211Page - STMicroelectronics STM32MP151A Datasheet HTML 212Page - STMicroelectronics STM32MP151A Datasheet HTML 213Page - STMicroelectronics STM32MP151A Datasheet HTML 214Page - STMicroelectronics STM32MP151A Datasheet HTML 215Page - STMicroelectronics STM32MP151A Datasheet HTML 216Page - STMicroelectronics STM32MP151A Datasheet HTML 217Page - STMicroelectronics STM32MP151A Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 253 page
background image
Electrical characteristics
STM32MP151A/D
214/253
DS12500 Rev 3
Table 98. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
SPI clock frequency
Master mode
1.71 V ≤ VDD ≤ 3.6 V
SPI1
--
70
MHz
Master mode
2.7 V ≤ VDD ≤ 3.6 V
SPI1
80
Master mode
1.71 V ≤ VDD ≤ 3.6 V
SPI2, SPI3
80
Master mode
2.7 V ≤ VDD ≤ 3.6 V
SPI2, SPI3
100
Master mode
1.71 V ≤ VDD ≤ 3.6 V
SPI4, SPI5, SPI6
66
Slave receiver mode
1.71 V ≤ VDD ≤ 3.6 V
SPI1, SPI2, SPI3
100
Slave receiver mode
1.71 V ≤ VDD ≤ 3.6 V
SPI4, SPI5, SPI6
66
Slave mode transmitter/full duplex
2.7 V ≤ VDD ≤ 3.6 V
38(2)
Slave mode transmitter/full duplex
1.71 V ≤ VDD ≤ 3.6 V
35(2)
tsu(NSS) NSS setup time
Slave mode
2-
-
ns
th(NSS)
NSS hold time
1
-
-
tw(SCKH),
tw(SCKL)
SCK high and low time
Master mode
Tpclk - 1
Tpclk
Tpclk + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com