Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 222 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 218Page - STMicroelectronics STM32MP151A Datasheet HTML 219Page - STMicroelectronics STM32MP151A Datasheet HTML 220Page - STMicroelectronics STM32MP151A Datasheet HTML 221Page - STMicroelectronics STM32MP151A Datasheet HTML 222Page - STMicroelectronics STM32MP151A Datasheet HTML 223Page - STMicroelectronics STM32MP151A Datasheet HTML 224Page - STMicroelectronics STM32MP151A Datasheet HTML 225Page - STMicroelectronics STM32MP151A Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 253 page
background image
Electrical characteristics
STM32MP151A/D
222/253
DS12500 Rev 3
Table 102. Dynamic characteristics: SD / MMC / e•MMC characteristics,
VDD = 2.7 V to 3.6 V(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
0
-
130
MHz
-
SDIO_CK/fpclk2 frequency ratio
-
-
-
8/3
-
tW(CKL)
Clock low time
fPP = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
8.5
9.5
-
CMD, D inputs (referenced to CK) in MMC and SD HS/SDR(3)/DDR(3) mode
tISU
Input setup time HS
-
1.5
-
-
ns
tIH
Input hold time HS
1.5
-
-
tIDW(4)
Input valid window (variable window)
2.5
-
-
CMD, D outputs (referenced to CK) in MMC and SD HS/SDR(3)/DDR(3) mode
tOV
Output valid time HS
-
-5
6.5
ns
tOH
Output hold time HS
2.5
-
-
CMD, D inputs (referenced to CK) in SD default mode
tISUD
Input setup time SD
-
1.5
-
-
ns
tIHD
Input hold time SD
1.5
-
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time SD
-
-0.5
1.5
ns
tOHD
Output hold default time SD
0
-
-
1. Guaranteed by characterization results.
2. Above 100 MHz, CL = 20 pF.
3. For SD 1.8 V support, an external voltage converter is required.
4. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 103. Dynamic characteristics: SD / MMC / e•MMC characteristics
VDD = 1.71 V to 1.9 V(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
0
-
105
MHz
-
SDIO_CK/fpclk2 frequency ratio
-
-
-
8/3
-
tW(CKL)
Clock low time
fPP = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
8.5
9.5
-
CMD, D inputs (referenced to CK) in e•MMC mode
tISU
Input setup time HS
-
1.5
-
-
ns
tIH
Input hold time HS
2.5
-
-
tIDW(3)
Input valid window (variable window)
3
-
-
CMD, D outputs (referenced to CK) in e•MMC mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com