Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 237 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 233Page - STMicroelectronics STM32MP151A Datasheet HTML 234Page - STMicroelectronics STM32MP151A Datasheet HTML 235Page - STMicroelectronics STM32MP151A Datasheet HTML 236Page - STMicroelectronics STM32MP151A Datasheet HTML 237Page - STMicroelectronics STM32MP151A Datasheet HTML 238Page - STMicroelectronics STM32MP151A Datasheet HTML 239Page - STMicroelectronics STM32MP151A Datasheet HTML 240Page - STMicroelectronics STM32MP151A Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 253 page
background image
DS12500 Rev 3
237/253
STM32MP151A/D
Package information
248
7.2
LFBGA354 package information
This LFBGA is a 354 balls, 16x16 mm, 0.8 mm pitch, low profile fine pitch ball grid array
package
Figure 67. LFBGA - Outline
1. Drawing is not to scale.
2. The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each
ball must lie simultaneously in both tolerance zones.
Table 116. LFBGA - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
1.290
-
-
0.0508
A1(3)
0.250
-
-
0.0098
-
-
A2
-
0.900
-
-
0.0354
-
b(4)
0.350
0.400
0.450
0.0138
0.0157
0.0177
D
15.850
16.000
16.150
0.6240
0.6299
0.6358
K
H
D
A
C
E
F
G
J
L
M
N
P
R
U
T
V
W
B02Z_ME_V1
1
2
3
4
5
6
7
8
9
10
11
12
15
13
14
16
17
18
19
D1
E1
F
F
e
e
b (354 balls)
eee M C A B
fff
M C
A1 ball pad corner
B
D
E
A
A1
C
SEATING
PLANE
A
BOTTOM VIEW
TOP VIEW
SIDE VIEW
ddd C
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com