Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 56 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 52Page - STMicroelectronics M58LT128GS Datasheet HTML 53Page - STMicroelectronics M58LT128GS Datasheet HTML 54Page - STMicroelectronics M58LT128GS Datasheet HTML 55Page - STMicroelectronics M58LT128GS Datasheet HTML 56Page - STMicroelectronics M58LT128GS Datasheet HTML 57Page - STMicroelectronics M58LT128GS Datasheet HTML 58Page - STMicroelectronics M58LT128GS Datasheet HTML 59Page - STMicroelectronics M58LT128GS Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
11 DC and AC parameters
M58LT128GST, M58LT128GSB
56/98
Table 22.
Asynchronous Read AC Characteristics
Symbol
Alt
Parameter
M58LT128GST,
M58LT128GSB
Unit
110
tAVAV
tRC
Address Valid to Next Address Valid
Min
110
ns
tAVQV
tACC
Address Valid to Output Valid (Random)
Max
110
ns
tAVQV1
tPAGE
Address Valid to Output Valid (Page)
Max
25
ns
tAXQX
(1)
1.
Sampled only, not 100% tested.
tOH
Address Transition to Output Transition
Min
0
ns
tELTV
Chip Enable Low to Wait Valid
Max
16
ns
tELQV
(2)
2.
G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
tCE
Chip Enable Low to Output Valid
Max
110
ns
tELQX
(1)
tLZ
Chip Enable Low to Output Transition
Max
0
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
17
ns
tEHQX
(1)
tOH
Chip Enable High to Output Transition
Min
0
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
Max
17
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
Max
30
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output Transition
Min
0
ns
tGLTV
Output Enable Low to WAIT Valid
Max
17
ns
tGHQX
(1)
tOH
Output Enable High to Output Transition
Min
0
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
Max
17
ns
tGHTZ
tDF
Output Enable High to WAIT Hi-Z
Max
17
ns
tAVLH
tAVADVH
Address Valid to Latch Enable High
Min
11
ns
tELLH
tELADVH
Chip Enable Low to Latch Enable High
Min
10
ns
tLHAX
tADVHAX
Latch Enable High to Address Transition
Min
9
ns
tLLLH
tADVLADVH Latch Enable Pulse Width
Min
11
ns
tLLQV
tADVLQV
Latch Enable Low to Output Valid
(Random)
Max
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com