Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 95 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 95 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 90Page - STMicroelectronics M58LT128GS Datasheet HTML 91Page - STMicroelectronics M58LT128GS Datasheet HTML 92Page - STMicroelectronics M58LT128GS Datasheet HTML 93Page - STMicroelectronics M58LT128GS Datasheet HTML 94Page - STMicroelectronics M58LT128GS Datasheet HTML 95Page - STMicroelectronics M58LT128GS Datasheet HTML 96Page - STMicroelectronics M58LT128GS Datasheet HTML 97Page - STMicroelectronics M58LT128GS Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
95/98
Table 49.
Command Interface States - Lock Table, Next Output State
Current CI State
Command Input(1)(2)
1.
The output state shows the type of data that appears at the outputs if the bank address is the same as the command
address. A bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI mode,
depending on the command issued. Each bank remains in its last output state until a new command is issued to that bank.
The next state does not depend on the bank's output state.
Lock/CR Setup
(60h)(3)
Set CR Confirm
(03h)
BEFP Exit (FFFFh)(4)
Illegal Command(5)
WSM Operation Completed
Program Setup
Status Register
Output Unchanged
Erase Setup
Program in Erase
Suspend
BEFP Setup
BEFP Busy
Buffer Program Setup
Buffer Program Load 1
Buffer Program Load 2
Buffer Program Confirm
Buffer Program Setup in
Erase Suspend
Buffer Program Load 1
in Erase Suspend
Buffer Program Load 2
in Erase Suspend
Buffer Program Confirm
in Erase Suspend
Lock/CR Setup
Status Register
Array
Status Register
Lock/CR Setup in Erase
Suspend
Ready
Output Unchanged
Array
Output Unchanged
Program Busy
Erase Busy
Buffer Program Busy
Program/Erase Suspend
Buffer Program Suspend
Program Busy in Erase
Suspend
Buffer Program Busy in
Erase Suspend
Program Suspend in
Erase Suspend
Buffer Program Suspend
in Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com