Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 91 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 91 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 87Page - STMicroelectronics M58LT128GS Datasheet HTML 88Page - STMicroelectronics M58LT128GS Datasheet HTML 89Page - STMicroelectronics M58LT128GS Datasheet HTML 90Page - STMicroelectronics M58LT128GS Datasheet HTML 91Page - STMicroelectronics M58LT128GS Datasheet HTML 92Page - STMicroelectronics M58LT128GS Datasheet HTML 93Page - STMicroelectronics M58LT128GS Datasheet HTML 94Page - STMicroelectronics M58LT128GS Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
91/98
Buffer
Program
in Erase
Suspend
Setup
Buffer Program Load 1 in Erase Suspend (give word count load (N-1)); if N=0 go to Buffer Program confirm. Else (N not =0) go to Buffer Program
Load 2
Buffer Load
1
Buffer Program Load 2 in Erase Suspend (data load)
Buffer Load
2
Buffer Program Confirm in Erase Suspend when count =0; Else Buffer Program Load 2 in Erase Suspend (note: Buffer Program will fail at this
point if any block address is different from the first address)
Confirm
Ready (error)
Buffer Program
Busy in Erase
Suspend
Ready (error)
Busy
Buffer Program Busy in Erase Suspend
Buffer
Program
Suspend in
Erase
Suspend
Buffer Program Busy in Erase Suspend
Suspend
Buffer Program Suspend in Erase Suspend
Buffer Program
Busy in Erase
Suspend
Buffer Program Suspend in Erase Suspend
Lock/CR Setup
in Erase Suspend
Erase Suspend (Lock Error)
Erase Suspend
Erase Suspend (Lock Error)
Buffer
EFP
Setup
Ready (error)
BEFP Busy
Ready (error)
Busy
BEFP Busy(6)
1.
CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/
Erase Controller.
2.
At Power-Up, all banks are in Read Array mode. Issuing a Read Array command to a busy bank, results in undetermined
data output.
3.
The two cycle command should be issued to the same bank address.
4.
If the P/E.C. is active, both cycles are ignored.
5.
The Clear Status Register command clears the Status Register error bits except when the P/E.C. is busy or suspended.
6.
BEFP is allowed only when Status Register bit SR0 is set to ‘0’. BEFP is busy if Block Address is first BEFP Address. Any
other commands are treated as data.
Current CI State
Command Input(1)
Read
Array
(FFh)(2)
Program
Setup
(10/40h)
(3)(4)
Buffer
Program
(E8h)(3)(4)
Block
Erase,
Setup
(20h)
(3)(4)
BEFP
Setup
(80h)
Erase Confirm
P/E Resume,
BEFP
Confirm(D0h)
(3)(4)
Buffer
Program,
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
status
Register
(50h)(5)
Read
Electronic
Signature,
Read CFI
Query
(90h, 98h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com