Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 65 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 65 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 61Page - STMicroelectronics M58LT128GS Datasheet HTML 62Page - STMicroelectronics M58LT128GS Datasheet HTML 63Page - STMicroelectronics M58LT128GS Datasheet HTML 64Page - STMicroelectronics M58LT128GS Datasheet HTML 65Page - STMicroelectronics M58LT128GS Datasheet HTML 66Page - STMicroelectronics M58LT128GS Datasheet HTML 67Page - STMicroelectronics M58LT128GS Datasheet HTML 68Page - STMicroelectronics M58LT128GS Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
M58LT128GST, M58LT128GSB
11 DC and AC parameters
65/98
Figure 17. Reset and Power-up AC Waveforms
Table 26.
Reset and Power-up AC Characteristics
Symbol
Parameter
Test Condition
110
Unit
tPLWL
tPLEL
tPLGL
tPLLL
Reset Low to
Write Enable Low,
Chip Enable Low,
Output Enable Low,
Latch Enable Low
During Program
Min
25
µs
During Erase
Min
25
µs
Other Conditions
Min
110
ns
tPHWL
tPHEL
tPHGL
tPHLL
Reset High to
Write Enable Low
Chip Enable Low
Output Enable Low
Latch Enable Low
Min
30
ns
tPLPH
(1)(2)
1.
The device Reset is possible but not guaranteed if tPLPH < 50ns.
2.
Sampled only, not 100% tested.
RP Pulse Width
Min
50
ns
tVDHPH
(3)
3.
It is important to assert RP in order to allow proper CPU initialization during Power-Up or Reset.
Supply Voltages High to Reset High
Min
100
µs
AI06976
W,
RP
E, G,
VDD, VDDQ
tVDHPH
tPLPH
Power-Up
Reset
tPLWL
tPLEL
tPLGL
tPLLL
L
tPHWL
tPHEL
tPHGL
tPHLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com