Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 31Page - STMicroelectronics M58LT128GS Datasheet HTML 32Page - STMicroelectronics M58LT128GS Datasheet HTML 33Page - STMicroelectronics M58LT128GS Datasheet HTML 34Page - STMicroelectronics M58LT128GS Datasheet HTML 35Page - STMicroelectronics M58LT128GS Datasheet HTML 36Page - STMicroelectronics M58LT128GS Datasheet HTML 37Page - STMicroelectronics M58LT128GS Datasheet HTML 38Page - STMicroelectronics M58LT128GS Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
M58LT128GST, M58LT128GSB
6 Configuration Register
35/98
6
Configuration Register
The Configuration Register is used to configure the type of bus access that the memory will
perform. Refer to Read Modes section for details on read operations.
The Configuration Register is set through the Command Interface using the Set Configuration
Register command. After a reset or power-up the device is configured for asynchronous read
(CR15 = 1). The Configuration Register bits are described in Table 10 They specify the
selection of the burst length, burst type, burst X latency and the read operation. Refer to
Figure 5 and Figure 6 for examples of synchronous burst configurations.
6.1
Read Select Bit (CR15)
The Read Select bit, CR15, is used to switch between Asynchronous and Synchronous Read
operations.
When the Read Select bit is set to ’1’, read operations are asynchronous; when the Read
Select bit is set to ’0’, read operations are synchronous.
Synchronous Burst Read is supported in both parameter and main blocks and can be
performed across banks.
On reset or power-up the Read Select bit is set to ’1’ for asynchronous access.
6.2
X-Latency Bits (CR13-CR11)
The X-Latency bits are used during Synchronous Read operations to set the number of clock
cycles between the address being latched and the first data becoming available. For correct
operation the X-Latency bits can only assume the values in Table 10: Configuration Register.
The correspondence between X-Latency settings and the maximum sustainable frequency
must be calculated taking into account some system parameters. Two conditions must be
satisfied:
1.
Depending on whether tAVK_CPU or tDELAY is supplied either one of the following two
equations must be satisfied:
(n + 1) tK ≥ tAVQV - tAVK_CPU + tQVK_CPU
(n + 2) tK ≥ tAVQV + tDELAY + tQVK_CPU
2.
and also
tK > tKQV + tQVK_CPU
where
●
n is the chosen X-Latency configuration code
●
tK is the clock period
●
tAVK_CPU is clock to address valid, L Low, or E Low, whichever occurs last
●
tDELAY is address valid, L Low, or E Low to clock, whichever occurs last
●
tQVK_CPU is the data setup time required by the system CPU,
●
tKQV is the clock to data valid time
●
tAVQV is the random access time of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com