Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 75 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 71Page - STMicroelectronics M58LT128GS Datasheet HTML 72Page - STMicroelectronics M58LT128GS Datasheet HTML 73Page - STMicroelectronics M58LT128GS Datasheet HTML 74Page - STMicroelectronics M58LT128GS Datasheet HTML 75Page - STMicroelectronics M58LT128GS Datasheet HTML 76Page - STMicroelectronics M58LT128GS Datasheet HTML 77Page - STMicroelectronics M58LT128GS Datasheet HTML 78Page - STMicroelectronics M58LT128GS Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
75/98
Table 39.
Device Geometry Definition
023h
0001h
Maximum time-out for word program = 2n times typical
512µs
024h
0001h
Maximum time-out for Buffer Program = 2n times typical
1024µs
025h
0002h
Maximum time-out per individual block erase = 2n times typical
4s
026h
0000h
Maximum time-out for chip erase = 2n times typical
NA
Offset
Data
Description
Value
027h
0018h
Device Size = 2n in number of bytes
16 MBytes
028h
029h
0001h
0000h
Flash Device Interface Code description
x16
Async.
02Ah
02Bh
0006h
0000h
Maximum number of bytes in multi-byte program or page = 2n
64 Bytes
02Ch
0002h
Number of identical sized erase block regions within the device
bit 7 to 0 = x = number of Erase Block Regions
2
02Dh
02Eh
007Eh
0000h
Erase Block Region 1 Information
Number of identical-size erase blocks = 007Eh+1
127
02Fh
030h
0000h
0002h
Erase Block Region 1 Information
Block size in Region 1 = 0200h * 256 Byte
128 KByte
031h
032h
0003h
0000h
Erase Block Region 2 Information
Number of identical-size erase blocks = 0003h+1
4
033h
034h
0080h
0000h
Erase Block Region 2 Information
Block size in Region 2 = 0080h * 256 Byte
32 KByte
035h
038h
Reserved
Reserved for future erase block region information
NA
02Dh
02Eh
0003h
0000h
Erase Block Region 1 Information
Number of identical-size erase block = 0003h+1
4
02Fh
030h
0080h
0000h
Erase Block Region 1 Information
Block size in Region 1 = 0080h * 256 bytes
32 KBytes
031h
032h
007Eh
0000h
Erase Block Region 2 Information
Number of identical-size erase block = 007Eh+1
127
033h
034h
0000h
0002h
Erase Block Region 2 Information
Block size in Region 2 = 0200h * 256 bytes
128 KBytes
035h
038h
Reserved
Reserved for future erase block region information
NA
Offset
Data
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com