Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 73 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 73 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 69Page - STMicroelectronics M58LT128GS Datasheet HTML 70Page - STMicroelectronics M58LT128GS Datasheet HTML 71Page - STMicroelectronics M58LT128GS Datasheet HTML 72Page - STMicroelectronics M58LT128GS Datasheet HTML 73Page - STMicroelectronics M58LT128GS Datasheet HTML 74Page - STMicroelectronics M58LT128GS Datasheet HTML 75Page - STMicroelectronics M58LT128GS Datasheet HTML 76Page - STMicroelectronics M58LT128GS Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
73/98
Appendix B Common Flash Interface
The Common Flash Interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the Read CFI Query Command is issued the device enters CFI Query mode and the
data structure is read from the memory. Table 36, Table 37, Table 38, Table 39, Table 40,
Table 42, Table 43, Table 44 and Table 45 show the addresses used to retrieve the data. The
Query data is always presented on the lowest order data outputs (DQ0-DQ7), the other outputs
(DQ8-DQ15) are set to 0.
The CFI data structure also contains a security area where a 64 bit unique security number is
written (see
Figure 4: Protection Register Map).This area can be accessed only in Read mode
by the final user. It is impossible to change the security number after it has been written by ST.
Issue a Read Array command to return to Read mode.
Table 36.
Query Structure Overview
1.
The Flash memory display the CFI data structure when CFI Query command is issued. In this table are listed the main sub-
sections detailed in Table 37, Table 38, Table 39 and Table 40. Query data is always presented on the lowest order data
outputs.
Offset
Sub-section Name
Description
000h
Reserved
Reserved for algorithm-specific information
010h
CFI Query Identification String
Command set ID and algorithm data offset
01Bh
System Interface Information
Device timing & voltage information
027h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended Query table
Additional information specific to the Primary
Algorithm (optional)
A
Alternate Algorithm-specific Extended Query table
Additional information specific to the Alternate
Algorithm (optional)
080h
Security Code Area
Lock Protection Register
Unique device Number and
User Programmable OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com