Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 30 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 26Page - STMicroelectronics M58LT128GS Datasheet HTML 27Page - STMicroelectronics M58LT128GS Datasheet HTML 28Page - STMicroelectronics M58LT128GS Datasheet HTML 29Page - STMicroelectronics M58LT128GS Datasheet HTML 30Page - STMicroelectronics M58LT128GS Datasheet HTML 31Page - STMicroelectronics M58LT128GS Datasheet HTML 32Page - STMicroelectronics M58LT128GS Datasheet HTML 33Page - STMicroelectronics M58LT128GS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
4 Command Interface
M58LT128GST, M58LT128GSB
30/98
Table 8.
Protection Register Lock Bits
Lock
Description
Number
Address
Bits
Protection
Register
Lock 1
80h
Bit 0
Read-only bit preprogrammed to ‘0’ protect Unique Device Number (address
81h to 84h in PR0)
Bit 1
protects 64bits of OTP segment (address 85h to 88h in PR0) when set to ‘0’
Default Value is ‘1’
Protection
Register
Lock 2
89h
Bit 0
protects 128bits of OTP segment PR1
Bit 1
protects 128bits of OTP segment PR2
Bit 2
protects 128bits of OTP segment PR3
- - -
- - -
Bit 13
protects 128bits of OTP segment PR14
Bit 14
protects 128bits of OTP segment PR15
Bit 15
protects 128bits of OTP segment PR16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com